Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5038 Datasheet (PDF) - Silicon Mitus, Inc.

SM5038 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5038
Download  SM5038 Download
File Size   214.8 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor

SM5038 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5038 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5038
Download  SM5038 Click to download

File Size   214.8 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor

SM5038 Datasheet (HTML) - Silicon Mitus, Inc.


SM5038 Product details

Features
Type-C with Non MCU-based PD and WaterDetection
. Super Speed Polarity Indicator
3:1 MUX Switches with Built-in BC1.2 Scheme
and TA Hiccup control
Max. 3.5 A Switch-Mode Charger with Dual-outputand Embedded QC2.0 Protocol
Programmable Charge Parameters via I2C
. Fast-Charge Current. Top-Off (end of charge). Battery Floating (regulation) Voltage. Trickle-Charge Current. Adaptive-Input Current Limit (AICL)
. VBUS Input Current Limit
Fuel Gauge with Flexibility in Current SensingResistor
. External High-Side Current Sensing
. 5 mΩ or 2 mΩ Selectable Sensing Resistor
A nVBUSPOK pin for Touch Sensor
1.5 A Flash LED Driver
Protections
. Thermal Protection
. Thermal Regulation. VBUS Overvoltage Protection
. Battery Overvoltage Protection
. VSYS OVP
. Discharge Overcurrent Protection
. Charger Safety Timers
. Reverse Leakage Blocking
. Charger = Off (or PWM = OFF) in DP / DM OVP
. CC1, CC2 Overvoltage Protection
. SBU1, SBU2 Overvoltage Protection
. Water Detection with 8-bit ADC
. DP_CON / DM_CON Short Detection
Ship Mode to Minimize Leakage Current duringSystem OFF
Up to 400kHz Full-Speed I2C Interface
81-Bump, 3.72 mm x 3.72 mm WLCSP Package

Applications
Mobile and Smart Phones
Tablets
Portable Devices




Similar Part No. - SM5038

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
RF DECODER
SM5038S SAMHOP-SM5038S Datasheet
40Kb / 8P
RF DECODER
More results


Similar Description - SM5038

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF06 STMICROELECTRONICS-STCF06 Datasheet
405Kb / 33P
1.5 A white LED driver with I²C interface
09-May-2008
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM3632A TI1-LM3632A Datasheet
2Mb / 64P
Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX17262 MAXIM-MAX17262 Datasheet
1Mb / 32P
5.2關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Internal Current Sensing
2018
logo
Silicon Mitus, Inc.
SM5424 SILICONMITUS-SM5424 Datasheet
280Kb / 2P
Highly Efficient Switch-Mode 3.5 A Charger for Type-C with Power-Path and 1.5 A USB OTG
August 2018
SM5735 SILICONMITUS-SM5735 Datasheet
524Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger with Dual input, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
September 2020 Rev0.0.0
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com