Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5424 Datasheet (PDF) - Silicon Mitus, Inc.

SM5424 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5424
Download  SM5424 Download
File Size   280.93 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Highly Efficient Switch-Mode 3.5 A Charger for Type-C with Power-Path and 1.5 A USB OTG

SM5424 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5424 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5424
Download  SM5424 Click to download

File Size   280.93 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Highly Efficient Switch-Mode 3.5 A Charger for Type-C with Power-Path and 1.5 A USB OTG

SM5424 Datasheet (HTML) - Silicon Mitus, Inc.


SM5424 Product details

Features
 Max 3.5 A Switch-Mode Charger with Power-Path Operating
 OVP Threshold: 14 V typ. for SM5424
 Programmable Charge Parameters via I2C
. Fast-Charge Current . Top-Off (End of Charge) . Battery Floating (Regulation) Voltage . Programmed Pre-charge Current . Adaptive-Input Current Limit (AICL)
. VBUS Input Current Limit
 Max 1.5 A USB OTG Current
 Protections
. Thermal Protection
. Thermal Regulation . VBUS Over-Voltage Protection
. Battery Over-Voltage Protection
. VSYS OVP and UVLO
. Charger Safety Timer
. Reverse Leakage Blocking
 400 kHz Full-Speed I2C Interface
 2.93 mm x 2.8 mm WLCSP Package
Applications
 Mobile and Smart Phones
 Tablets
 Portable Devices




Similar Part No. - SM5424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
SM5420-015-A-H-S ETC2-SM5420-015-A-H-S Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
SM5420-015-A-H-T ETC2-SM5420-015-A-H-T Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
SM5420-015-A-P-S ETC2-SM5420-015-A-P-S Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
SM5420-015-A-P-T ETC2-SM5420-015-A-P-T Datasheet
216Kb / 2P
Low-Cost, SO-8 Packaged Pressure Sensor
More results


Similar Description - SM5424

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54040 FAIRCHILD-FAN54040 Datasheet
2Mb / 41P
USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
logo
Texas Instruments
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
TPS25820 TI1-TPS25820 Datasheet
1Mb / 35P
TPS25821 USB Type-C 1.5-A Source Controller and Power Switch
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
logo
ON Semiconductor
FAN54511 ONSEMI-FAN54511 Datasheet
6Mb / 61P
3.2 A Dual Input, Switch Mode Charger with Power Path
April, 2018 ??Rev. 4
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com