Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847W Datasheet (PDF) - NXP Semiconductors

BC847W Datasheet PDF - NXP Semiconductors
Part # BC847W
Download  BC847W Download
File Size   50.18 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN general purpose transistors

BC847W Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847W Datasheet PDF - NXP Semiconductors

Part # BC847W
Download  BC847W Click to download

File Size   50.18 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN general purpose transistors

BC847W Datasheet (HTML) - NXP Semiconductors


BC847W Product details

DESCRIPTION

NPN transistor in a SC70; SOT323 plastic package.

PNP complements: BC856W and BC857W.



FEATURES

• Low current (max. 100 mA)

• Low voltage (max. 65 V).



APPLICATIONS

• General purpose switching and amplification.



 




Similar Part No. - BC847W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC847W KEC-BC847W Datasheet
251Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Infineon Technologies A...
BC847W INFINEON-BC847W Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC847W DIOTEC-BC847W Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC847W PHILIPS-BC847W Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Diotec Semiconductor
BC847W DIOTEC-BC847W Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Similar Description - BC847W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com