Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE1280 Datasheet (PDF) - Renesas Technology Corp

NE1280 Datasheet PDF - Renesas Technology Corp
Part # NE1280
Download  NE1280 Download
File Size   170.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE1280 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE1280 Datasheet PDF - Renesas Technology Corp

Part # NE1280
Download  NE1280 Click to download

File Size   170.09 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HETERO JUNCTION FIELD EFFECT TRANSISTOR

NE1280 Datasheet (HTML) - Renesas Technology Corp


NE1280 Product details

K-BAND MEDIUM POWER AMPLIFIE
N-CHANNEL HJ-FET CHIPS

DESCRIPTION
The NE1280 series is medium power HJ-FET chips
which offer high output power and high gain for telecom
transmit power amplifier applications to 30 GHz.
NE1280100 is one cell die of 450 mm gate width,
offering 0.1 W output power. NE1280200 is two cells of
900 mm gate width, offering 0.2 W output power.
NE1280400 is four cells of 1.8 mm gate width, offering
0.4 W output power.
The devices incorporate WSi/Au gate to get high gain
and silicon nitride glassivation for superior scratch resistance
and mechanical protection.
Via hole source grounding result in superior RF
performance. To reduce the thermal resistance, the
devices have a PHS. (Plated Heat Sink)
NEC’s strigent quality assurance and test procedures
assure the highest reliability and performance.


FEATURES
• Class A operation
• High power output
• High liniar gain
• High reliability




Similar Part No. - NE1280

ManufacturerPart #DatasheetDescription
logo
ABB
NE12 ABB-NE12 Datasheet
7Mb / 62P
DIN Rail circuit protective devices
Rev. A
logo
Richco, Inc.
NE12 RICHCO-NE12 Datasheet
39Kb / 1P
CABLE CLAMPS, PLASTISOL DIPPED
logo
List of Unclassifed Man...
NE12FAAH0-0-B ETC2-NE12FAAH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
NE12FAH0-0-B ETC2-NE12FAH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
NE12MAAH0-0-B ETC2-NE12MAAH0-0-B Datasheet
801Kb / 21P
N e u t r i k 짰 P a r t N u m b e r G u i d e
More results


Similar Description - NE1280

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
Hetero Junction Field Effect transistor
2003
NE21283A RENESAS-NE21283A Datasheet
718Kb / 12P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1990
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com