Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE12 Datasheet (PDF) - ABB

NE12 Datasheet PDF - ABB
Part # NE12
Download  NE12 Download
File Size   7339.59 Kbytes
Page   62 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description DIN Rail circuit protective devices

NE12 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE12 Datasheet PDF - ABB

Part # NE12
Download  NE12 Click to download

File Size   7339.59 Kbytes
Page   62 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description DIN Rail circuit protective devices

NE12 Datasheet (HTML) - ABB


NE12 Product details

General
• NEMA 12 enclosure
• All mode protection (L-L/L-N/L-G/N-G)
• Auxiliary contacts for remote monitoring
• Safety disconnect, fused
• LED power on/fault indicator
• Audible alarm
MOV technology
• 160kA or 320kA per phase
• Replaceable MOV blocks
• Visual and audible MOV replacement indication
Surge counter/diagnostic LCD display (optional)
• Count of surges 2kA and higher with time and date
• Visual diagnostic information




Similar Part No. - NE12

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NE12 RICHCO-NE12 Datasheet
39Kb / 1P
CABLE CLAMPS, PLASTISOL DIPPED
logo
Renesas Technology Corp
NE1280 RENESAS-NE1280 Datasheet
170Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280100 RENESAS-NE1280100 Datasheet
170Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280200 RENESAS-NE1280200 Datasheet
170Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE1280400 RENESAS-NE1280400 Datasheet
170Kb / 8P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
More results


Similar Description - NE12

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
SURGE PROTECTIVE DEVICES
LV-Q OKAYA-LV-Q Datasheet
107Kb / 2P
SURGE PROTECTIVE DEVICES
R5K OKAYA-R5K Datasheet
117Kb / 2P
SURGE PROTECTIVE DEVICES
R38-900-BOL OKAYA-R38-900-BOL Datasheet
101Kb / 1P
SURGE PROTECTIVE DEVICES
RA-C6 OKAYA-RA-C6 Datasheet
253Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-BWZ-4 OKAYA-RAV-BWZ-4 Datasheet
120Kb / 2P
SURGE PROTECTIVE DEVICES
RAV-L-A OKAYA-RAV-L-A Datasheet
70Kb / 1P
SURGE PROTECTIVE DEVICES
RHCA4532 OKAYA-RHCA4532 Datasheet
128Kb / 2P
SURGE PROTECTIVE DEVICES
RSPD-Q OKAYA-RSPD-Q Datasheet
98Kb / 2P
SURGE PROTECTIVE DEVICES
logo
List of Unclassifed Man...
C25A1P ETC2-C25A1P Datasheet
102Kb / 2P
DIN Rail Mounted Circuit Breakers
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com