Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3131BA1 Datasheet (PDF) - Renesas Technology Corp

ZSSC3131BA1 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3131BA1
Download  ZSSC3131BA1 Download
File Size   437.88 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Cost- Optimized Switch Applications

ZSSC3131BA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3131BA1 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3131BA1
Download  ZSSC3131BA1 Click to download

File Size   437.88 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Cost- Optimized Switch Applications

ZSSC3131BA1 Datasheet (HTML) - Renesas Technology Corp


ZSSC3131BA1 Product details

Features
•Adjustable to nearly all resistive bridge sensortypes: maximum analog gain of 105; maximumoverall gain of 420
•Sample rate up to 200 Hz
•ADC resolution 13/14 bit
•Internal temperature compensation
•Integrated adjustable digital filter
•Digital compensation of sensor offset, sensitivity,temperature drift, and non-linearity
•Output options: ratiometric analog voltage output(5 - 95% maximum, 12.4 bit resolution) or ZACwireTM (digital One-Wire Interface (OWI))
•Sensor biasing by voltage
•High voltage protection up to 33 V
•Supply current: Max. 5.5mA
•Reverse polarity and short circuit protection
•Wide operation temperature range:-40 to +150°C
•Traceability by user-defined EEPROM entries




Similar Part No. - ZSSC3131BA1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3131BA1B IDT-ZSSC3131BA1B Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
ZSSC3131BA1C IDT-ZSSC3131BA1C Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
More results


Similar Description - ZSSC3131BA1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Integrated Device Techn...
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC3136 IDT-ZSSC3136 Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
Renesas Technology Corp
ZSSC3138 RENESAS-ZSSC3138 Datasheet
424Kb / 26P
Sensor Signal Conditioner for Ceramic Sensor Applications
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
logo
Renesas Technology Corp
ZSSC3136 RENESAS-ZSSC3136 Datasheet
607Kb / 25P
Sensor Signal Conditioner for Safety Switch Applications
January 22, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com