Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3136 Datasheet (PDF) - Renesas Technology Corp

ZSSC3136 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3136
Download  ZSSC3136 Download
File Size   607.79 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Safety Switch Applications

ZSSC3136 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3136 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3136
Download  ZSSC3136 Click to download

File Size   607.79 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Safety Switch Applications

ZSSC3136 Datasheet (HTML) - Renesas Technology Corp


ZSSC3136 Product details

Features
•Analog gain of 105, maximum overallgain of 420
•Sample rate: 200 Hz maximum
•ADC resolution: 13/14 bit
•External temperature sensor
•Safety functionalities: Calibration microcontroller,sensor connection, analog front-end
•Adjustable to nearly all resistive bridge sensortypes
•Digital compensation of sensor offset, sensitivity,temperature drift, and non-linearity
•Output options: ratiometric analog voltage output(5 - 95% in maximum, 12.4 bit resolution) or ZACwireTM (digital One-Wire Interface (OWI))
•Sensor biasing by voltage
•High voltage protection up to 33 V
•Supply current: max. 5.5mA
•Reverse polarity and short circuit protection
•Wide operation temperature: -40 to +150°C
•Traceability by user-defined EEPROM entries




Similar Part No. - ZSSC3136

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3136 IDT-ZSSC3136 Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3136BA1B IDT-ZSSC3136BA1B Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3136BA1C IDT-ZSSC3136BA1C Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3136BA2R IDT-ZSSC3136BA2R Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3136BA2T IDT-ZSSC3136BA2T Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
More results


Similar Description - ZSSC3136

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3138 IDT-ZSSC3138 Datasheet
279Kb / 25P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC3136 IDT-ZSSC3136 Datasheet
282Kb / 24P
Sensor Signal Conditioner for Safety Switch Applications
ZSSC3131 IDT-ZSSC3131 Datasheet
263Kb / 23P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC3138 RENESAS-ZSSC3138 Datasheet
424Kb / 26P
Sensor Signal Conditioner for Ceramic Sensor Applications
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
ZSSC3131 RENESAS-ZSSC3131 Datasheet
437Kb / 24P
Sensor Signal Conditioner for Cost- Optimized Switch Applications
January 25, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com