Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3136 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3136
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3136 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3136 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3136 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Sensor Signal Conditioner for
Safety Switch Applications
ZSSC3136
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 22, 2016
ZSSC3136 Switch Application Example
Sensor Bridge
Out
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
C5
R1
C4
Temperature Sensor
Out
13
12
GPIO
VSUPP
VSUPP
14
GND
R1
2k
Ω
Ordering Information (See data sheet section 8 for complete delivery options.)
Product Sales Code
Description
Package
ZSSC3136BE1
ZSSC3136 die – tested; temperature range -40 to +150 °C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3136BA1
ZSSC3136 die – tested; temperature range -40 to +125 °C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3136BE2
ZSSC3136 SSOP14 – temperature range -40 to +150 °C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC3136BA2
ZSSC3136 SSOP14 – temperature range -40 to +125 °C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, revision 1.1, including Evaluation Board,
ZSSC3136 IC samples, USB cable (software can be downloaded
from the product page www.IDT.com/ZSSC3136)
Kit
ZSSC313x Mass Calibration
System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x including
MCS boards, cable, connectors (software can be downloaded from
the product page www.IDT.com/ZSSC3136)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com