Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3135BE2 Datasheet (PDF) - Renesas Technology Corp

ZSSC3135BE2 Datasheet PDF - Renesas Technology Corp
Part # ZSSC3135BE2
Download  ZSSC3135BE2 Download
File Size   456.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Piezoresistive Bridge Sensors

ZSSC3135BE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3135BE2 Datasheet PDF - Renesas Technology Corp

Part # ZSSC3135BE2
Download  ZSSC3135BE2 Click to download

File Size   456.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sensor Signal Conditioner for Piezoresistive Bridge Sensors

ZSSC3135BE2 Datasheet (HTML) - Renesas Technology Corp


ZSSC3135BE2 Product details

Features
•Adjustable to nearly all resistive bridge sensortypes: analog gain of up to 105, maximum overallgain of 420
•Sample rate up to 200 Hz
•ADC resolution 13/14 bit
•Safety functionality sensor connection
•External temperature sensor
•Digital compensation of sensor offset, sensitivity,temperature drift, and non-linearity
•Output options: ratiometric analog voltage output(5 - 95% maximum, 12.4 bit resolution) orZACwire™ (digital One-Wire Interface (OWI))
•Sensor biasing by voltage
•High voltage protection up to 33 V
•Supply current: max. 5.5mA
•Reverse polarity and short circuit protection
•Wide operation temperature range:-40 to +150°C
•Traceability by user-defined EEPROM entries




Similar Part No. - ZSSC3135BE2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC3135BE2R IDT-ZSSC3135BE2R Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
ZSSC3135BE2T IDT-ZSSC3135BE2T Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
More results


Similar Description - ZSSC3135BE2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
logo
Renesas Technology Corp
ZSSC3240 RENESAS-ZSSC3240 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
ZSSC3240 RENESAS-ZSSC3240_V01 Datasheet
1Mb / 64P
Sensor Signal Conditioner IC for Resistive Sensors
Apr.28.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com