Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1450 Datasheet (PDF) - Maxim Integrated Products

MAX1450 Datasheet PDF - Maxim Integrated Products
Part # MAX1450
Download  MAX1450 Download
File Size   98.8 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors

MAX1450 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1450 Datasheet PDF - Maxim Integrated Products

Part # MAX1450
Download  MAX1450 Click to download

File Size   98.8 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors

MAX1450 Datasheet (HTML) - Maxim Integrated Products


MAX1450 Product details

General Description
The MAX1450 sensor signal conditioner is optimized for piezoresistive sensor calibration and temperature compensation. It includes an adjustable current source for sensor excitation and a 3-bit programmable-gain amplifier (PGA). Achieving a total typical error factor within 1% of the sensor’s inherent repeatability errors, the MAX1450 compensates offset, full-span output (FSO), offset tempco, FSO tempco, and FSO nonlinearity of silicon piezoresistive sensors via external trimmable resistors, potentiometers, or digital-to-analog converters (DACs).

Features
♦ 1% Sensor Signal Conditioning
♦ Corrects Sensor Errors Using Coefficients Stored in External Trimmable Resistors, Potentiometers, or DACs
♦ Compensates Offset, Offset TC, FSO, FSO TC, and FSO Linearity
♦ Rail-to-Rail® Analog Output
♦ Programmable Current Source for Sensor Excitation
♦ Fast Signal-Path Settling Time (< 1ms)
♦ Accepts Sensor Outputs from 10mV/V to 30mV/V
♦ Fully Analog Signal Path

Applications
    Piezoresistive Pressure and Acceleration
        Transducers and Transmitters
    Manifold Absolute Pressure (MAP) Sensors
    Automotive Systems
    Hydraulic Systems
    Industrial Pressure Sensors




Similar Part No. - MAX1450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14500 MAXIM-MAX14500 Datasheet
413Kb / 41P
Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500AEWN+ MAXIM-MAX14500AEWN+ Datasheet
413Kb / 41P
Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14500ETL+ MAXIM-MAX14500ETL+ Datasheet
413Kb / 41P
Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14501AEWN+ MAXIM-MAX14501AEWN+ Datasheet
413Kb / 41P
Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
MAX14501ETL+ MAXIM-MAX14501ETL+ Datasheet
413Kb / 41P
Hi-Speed USB-to-SD Card Readers with Bypass
Rev 1; 4/09
More results


Similar Description - MAX1450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
TE Connectivity Ltd
LVM-110 TEC-LVM-110 Datasheet
171Kb / 3P
Low cost OEM signal conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com