Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1458 Datasheet (PDF) - Maxim Integrated Products

MAX1458 Datasheet PDF - Maxim Integrated Products
Part # MAX1458
Download  MAX1458 Download
File Size   145.99 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1%-Accurate, Digitally Trimmed Sensor Signal Conditioner

MAX1458 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1458 Datasheet PDF - Maxim Integrated Products

Part # MAX1458
Download  MAX1458 Click to download

File Size   145.99 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1%-Accurate, Digitally Trimmed Sensor Signal Conditioner

MAX1458 Datasheet (HTML) - Maxim Integrated Products


MAX1458 Product details

General Description
The MAX1458 highly integrated analog-sensor signal processor is optimized for piezoresistive sensor calibration and compensation without any external components. It includes a programmable current source for sensor excitation, a 3-bit programmable-gain amplifier (PGA), a 128- bit internal EEPROM, and four 12-bit DACs. Achieving a total error factor within 1% of the sensor’s repeatability errors, the MAX1458 compensates offset, offset temperature coefficient, full-span output (FSO), FSO temperature coefficient (FSOTC), and FSO nonlinearity of silicon piezoresistive sensors.

Features
● Medium Accuracy (±1%), Single-Chip Sensor Signal Conditioning
● Sensor Errors Trimmed Using Correction Coefficients Stored in Internal EEPROM—Eliminates the Need for Laser Trimming and Potentiometers
● Compensates Offset, Offset-TC, FSO, FSOTC, FSO Linearity
● Programmable Current Source (0.1mA to 2.0mA) for Sensor Excitation
● Fast Signal-Path Settling Time (<1ms)
● Accepts Sensor Outputs from 10mV/V to 40mV/V
● Fully Analog Signal Path

Applications
● Piezoresistive Pressure and Acceleration
● Transducers and Transmitters
● MAP (Manifold Absolute Pressure) Sensors
● Hydraulic Systems
● Industrial Pressure Sensors




Similar Part No. - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVB MAXIM-MAX14585AEVB Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVBT MAXIM-MAX14585AEVBT Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVB MAXIM-MAX14585EVB Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVBT MAXIM-MAX14585EVBT Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
More results


Similar Description - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
Digitally Trimmed Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
ULTRASONIC-SENSOR SIGNAL CONDITIONER
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com