Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1478 Datasheet (PDF) - Maxim Integrated Products

MAX1478 Datasheet PDF - Maxim Integrated Products
Part # MAX1478
Download  MAX1478 Download
File Size   210.54 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner

MAX1478 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1478 Datasheet PDF - Maxim Integrated Products

Part # MAX1478
Download  MAX1478 Click to download

File Size   210.54 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner

MAX1478 Datasheet (HTML) - Maxim Integrated Products


MAX1478 Product details

General Description
The MAX1478 highly integrated, analog sensor signal processor is optimized for piezoresistive sensor calibration and compensation without any external components. It includes a programmable current source for sensor excitation, a 3-bit programmable-gain amplifier (PGA), a 128-bit internal EEPROM, and four 12-bit digital-to-analog converters (DACs). Achieving a total error factor within 1% of the sensor’s repeatability errors, the MAX1478 compensates offset, offset temperature coefficient, full-span output (FSO), FSO temperature coefficient (FSO TC), and FSO nonlinearity of silicon piezoresistive sensors.
The MAX1478 calibrates and compensates first-order temperature errors by adjusting the offset and span of the input signal via DACs, thereby eliminating the quantization noise associated with digital signal path solutions. Built-in testability features on the MAX1478 result in the integration of three traditional sensor-manufacturing operations into one automated process:

• Pretest: Data acquisition of sensor performance under the control of a host test computer.
• Calibration and compensation: Computation and storage (in an internal EEPROM) of calibration and compensation coefficients computed by the test computer and downloaded to the MAX1478.
• Final test operation: Verification of transducer calibration and compensation without removal from the pretest socket.

Although optimized for use with piezoresistive sensors, the MAX1478 may also be used with other resistive sensors (i.e., accelerometers and strain gauges) with some additional external components.

Features
♦ Medium Accuracy (±1%), Single-Chip Sensor Signal Conditioning
♦ Rail-to-Rail® Output
♦ Sensor Errors Trimmed Using Correction
   Coefficients Stored in Internal EEPROM—
   Eliminates Laser Trimming and Potentiometers
♦ Compensates Offset, Offset TC, FSO, FSO TC, and FSO Linearity
♦ Programmable Current Source (0.1mA to 2.0mA) for Sensor Excitation
♦ Fast Signal-Path Settling Time (<1ms)
♦ +5V Single Supply
♦ Accepts Sensor Outputs from +10mV/V to +40mV/V
♦ Fully Analog Signal Path

Applications
   Piezoresistive Pressure and Acceleration
   Transducers and Transmitters
   Manifold Absolute Pressure (MAP) Sensors
   Automotive Systems
   Hydraulic Systems
   Industrial Pressure Sensors
   Strain-Gauge Sensors
   Industrial Temperature Sensors




Similar Part No. - MAX1478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E Datasheet
1Mb / 14P
5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
MAX14780EEPA MAXIM-MAX14780EEPA Datasheet
2Mb / 14P
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
More results


Similar Description - MAX1478

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
Digitally Trimmed Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
Rail-to-Rail Signal Range
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com