Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX0430B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TX0430B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TX0430B
Download  TX0430B Download
File Size   223.44 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TCXO 3.2x2.5mm 50.000MHz

TX0430B Datasheet (PDF)

Go To PDF Page Download Datasheet
TX0430B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TX0430B
Download  TX0430B Click to download

File Size   223.44 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description TCXO 3.2x2.5mm 50.000MHz

TX0430B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TX0430B Product details

Features:
Good Frequency Stability
Ultra Miniature SMD Package
Good Phase Noise Response

Description and Applications:
Surface mount 3.2x2.5 mm TCXO for use in wireless communications devices




Similar Part No. - TX0430B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0430A TAI-SAW-TX0430A Datasheet
169Kb / 8P
TCXO 3.2x2.5mm 50.000MHz
REV. NO.: 2.0
More results


Similar Description - TX0430B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
T3AN FOX-T3AN Datasheet
188Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T3CN FOX-T3CN Datasheet
173Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
T3HD FOX-T3HD Datasheet
163Kb / 2P
3.2x2.5mm HCMOS TCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0298A TAI-SAW-TX0298A Datasheet
140Kb / 7P
TCXO 3.2x2.5mm 12.2880MHz
REV. NO.: 1
TX0338A TAI-SAW-TX0338A Datasheet
147Kb / 8P
TCXO 3.2x2.5mm 30.00MHz
REV. NO.: 2
TX0430A TAI-SAW-TX0430A Datasheet
169Kb / 8P
TCXO 3.2x2.5mm 50.000MHz
REV. NO.: 2.0
TX0559A TAI-SAW-TX0559A Datasheet
142Kb / 8P
TCXO 3.2x2.5mm 45.814583MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com