Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8397 Datasheet (PDF) - Analog Devices

AD8397 Datasheet PDF - Analog Devices
Part # AD8397
Download  AD8397 Download
File Size   379.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, High Output Current Amplifier

AD8397 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8397 Datasheet PDF - Analog Devices

Part # AD8397
Download  AD8397 Click to download

File Size   379.73 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, High Output Current Amplifier

AD8397 Datasheet (HTML) - Analog Devices


AD8397 Product details

GENERAL DESCRIPTION

The AD8397 has two voltage feedback operational amplifiers capable of driving heavy loads with excellent linearity. The common-emitter, rail-to-rail output stage surpasses the output voltage capability of typical emitter-follower output stages and can swing to within 0.5 V of either rail while driving a 25 Ω load. The low distortion, high output current, and wide output dynamic range make the AD8397 ideal for applications that require a large signal swing into a heavy load.



FEATURES

Dual operational amplifier

Voltage feedback

Wide supply range: from 3 V to 24 V

Rail-to-rail output

   Output swing to within 0.5 V of supply rails

High linear output current

   310 mA peak into 32 Ω on ±12 V supplies while maintaining

−80 dBc SFDR

Low noise

   4.5 nV/√Hz voltage noise density @ 100 kHz

   1.5 pA/√Hz current noise density @ 100 kHz

High speed

   69 MHz bandwidth (G = 1, −3 dB)

   53 V/µs slew rate (RLOAD = 25 Ω)



APPLICATIONS

Twisted-pair line drivers

Audio applications

General-purpose high current amplifiers




Similar Part No. - AD8397

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ AD-AD8397ARDZ Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ-REEL AD-AD8397ARDZ-REEL Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARDZ-REEL7 AD-AD8397ARDZ-REEL7 Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
AD8397ARZ AD-AD8397ARZ Datasheet
306Kb / 16P
Rail-to-Rail, High Output Current Amplifier
Rev. B
More results


Similar Description - AD8397

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
Rail-to-Rail, High Output Current Amplifier
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com