Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS922AIDT Datasheet (PDF) - STMicroelectronics

TS922AIDT Datasheet PDF - STMicroelectronics
Part # TS922AIDT
Download  TS922AIDT Download
File Size   1079.78 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail, high output current dual operational amplifier

TS922AIDT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS922AIDT Datasheet PDF - STMicroelectronics

Part # TS922AIDT
Download  TS922AIDT Click to download

File Size   1079.78 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail, high output current dual operational amplifier

TS922AIDT Datasheet (HTML) - STMicroelectronics


TS922AIDT Product details

Description

TS922 and TS922A devices are rail-to-rail dual BiCMOS operational amplifiers optimized and fully specified for 3 V and 5 V operation. These devices have high output currents which allow low-load impedances to be driven. Very low noise, low distortion, low offset, and a high output current capability make these devices an excellent choice for high quality, low voltage, or battery operated audio systems. The devices are stable for capacitive loads up to 500 pF.



Features

• Rail-to-rail input and output

• Low noise: 9 nV/√ Hz

• Low distortion

• High output current: 80 mA (able to drive 32Ω loads)

• High-speed: 4 MHz, 1 V/μs

• Operating from 2.7 to 12 V

• Low input offset voltage: 900 μV max.(TS922A)

• ESD internal protection: 2 kV

• Latch-up immunity

• Macromodel included inthis specification

• Dual version available in Flip-chip package



Applications

• Headphone and servo amplifiers

• Sound cards, multimedia systems

• Line drivers, actuator drivers

• Mobile phones and portable equipment

• Instrumentation with low noise as key factor

• Piezoelectric speaker drivers




Similar Part No. - TS922AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS922AID/AIDT STMICROELECTRONICS-TS922AID/AIDT Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
More results


Similar Description - TS922AIDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
RT922 STMICROELECTRONICS-RT922 Datasheet
482Kb / 15P
RobuST, rail-to-rail, high output current dual operational amplifier
08-Oct-2014
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com