Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT922 Datasheet (PDF) - STMicroelectronics

RT922 Datasheet PDF - STMicroelectronics
Part # RT922
Download  RT922 Download
File Size   482.96 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RobuST, rail-to-rail, high output current dual operational amplifier

RT922 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT922 Datasheet PDF - STMicroelectronics

Part # RT922
Download  RT922 Click to download

File Size   482.96 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RobuST, rail-to-rail, high output current dual operational amplifier

RT922 Datasheet (HTML) - STMicroelectronics


RT922 Product details

Description
The RT922 device is a rail-to-rail dual BiCMOS operational amplifier optimized and fully specified for 3 V and 5 V operation. The device has high output currents which allow low-load impedances to be driven. Very low noise, low distortion, low offset, and a high output current capability make this device an excellent choice for aerospace and defense applications. The device is stable for capacitive loads up to 500 pF. D SO8 (plastic micropackage)

Features
■ Rail-to-rail input and output
■ Low noise: 9 nV/√ Hz
■ Low distortion
■ High output current: 80 mA (able to drive 32 Ω loads)
■ High-speed: 4 MHz, 1 V/μs
■ Operating from 2.7 to 12 V
■ Low input offset voltage
■ ESD internal protection: 2 kV
■ Latch-up immunity
■ Macromodel included in this specification
■ Dual version available in flip-chip package
■ Intended for use in Aerospace and Defense applications: – Dedicated traceability and part marking – Approval documents available for production parts – Adapted extended life time and obsolescence management – Extended product change notification process – Designed and manufactured to meet sub ppm quality goals – Advanced mold and frame designs for superior resilience to harsh environments (acceleration, EMI, thermal, humidity) – Extended screening capability on request – Single fabrication, assembly, and test site – Temperature range (-40 °C to 125 °C)

Applications
■ Aerospace and defense
■ Harsh environments




Similar Part No. - RT922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9221CS ETC-RT9221CS Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223CS ETC-RT9223CS Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
More results


Similar Description - RT922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com