Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT922 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RT922
Description  RobuST, rail-to-rail, high output current dual operational amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT922 Datasheet(HTML) 3 Page - STMicroelectronics

  RT922 Datasheet HTML 1Page - STMicroelectronics RT922 Datasheet HTML 2Page - STMicroelectronics RT922 Datasheet HTML 3Page - STMicroelectronics RT922 Datasheet HTML 4Page - STMicroelectronics RT922 Datasheet HTML 5Page - STMicroelectronics RT922 Datasheet HTML 6Page - STMicroelectronics RT922 Datasheet HTML 7Page - STMicroelectronics RT922 Datasheet HTML 8Page - STMicroelectronics RT922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID026924 Rev 1
3/15
RT922
Absolute maximum ratings and operating conditions
15
1
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. All voltage values, except the differential voltage are with respect to the network ground terminal.
14
V
Vid
Differential input voltage(2)
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal. If
Vid > ±1 V, the maximum input current must not exceed ±1 mA. In this case (Vid > ±1 V), an input series
resistor must be added to limit the input current.
±1
Vin
Input voltage(3)
3. Do not exceed 14 V.
(VCC-) - 0.3 to (VCC+) + 0.3
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)
4. Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers. These values are typical.
125
°C/W
Rthjc
Thermal resistance junction to case(4)
40
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(5)
MM: machine model(6)
CDM: charged device model(7)
5. Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
6. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
pin combinations with other pins floating.
7. Charged device model: all pins and plus package are charged together to the specified voltage and then
discharged directly to ground.
2000
120
1500
V
Output short-circuit duration
See note(8)
8. There is no short-circuit protection inside the device: short-circuits from the output to VCC can cause
excessive heating. The maximum output current is approximately 80 mA, independent of the magnitude of
VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
Latch-up immunity
200
mA
Soldering temperature (10 s), leaded version
Soldering temperature (10 s), unleaded version
250
260
°C
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 12
V
Vicm
Common mode input voltage range
(VCC-) - 0.2 to (VCC+) + 0.2
Toper
Operating free air temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com