Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT922 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RT922
Description  RobuST, rail-to-rail, high output current dual operational amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT922 Datasheet(HTML) 1 Page - STMicroelectronics

  RT922 Datasheet HTML 1Page - STMicroelectronics RT922 Datasheet HTML 2Page - STMicroelectronics RT922 Datasheet HTML 3Page - STMicroelectronics RT922 Datasheet HTML 4Page - STMicroelectronics RT922 Datasheet HTML 5Page - STMicroelectronics RT922 Datasheet HTML 6Page - STMicroelectronics RT922 Datasheet HTML 7Page - STMicroelectronics RT922 Datasheet HTML 8Page - STMicroelectronics RT922 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
October 2014
DocID026924 Rev 1
1/15
RT922
RobuST, rail-to-rail, high output current dual operational amplifier
Datasheet
- production data
Features
• Rail-to-rail input and output
• Low noise: 9 nV/√Hz
• Low distortion
• High output current: 80 mA
(able to drive 32
Ω loads)
• High-speed: 4 MHz, 1 V/μs
• Operating from 2.7 to 12 V
• Low input offset voltage
• ESD internal protection: 2 kV
• Latch-up immunity
• Macromodel included in this specification
• Dual version available in flip-chip package
• Intended for use in Aerospace and Defense
applications:
– Dedicated traceability and part marking
– Approval documents available for
production parts
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub
ppm quality goals
– Advanced mold and frame designs for
superior resilience to harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
– Single fabrication, assembly, and test site
– Temperature range (-40 °C to 125 °C)
Applications
• Aerospace and defense
• Harsh environments
Description
The RT922 device is a rail-to-rail dual BiCMOS
operational amplifier optimized and fully specified
for 3 V and 5 V operation. The device has high
output currents which allow low-load impedances
to be driven.
Very low noise, low distortion, low offset, and a
high output current capability make this device an
excellent choice for aerospace and defense
applications.
The device is stable for capacitive loads up to
500 pF.
D
SO8
(plastic micropackage)
Pin connections (top view)
www.st.com


Similar Part No. - RT922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9221CS ETC-RT9221CS Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
RT9222 ETC-RT9222 Datasheet
221Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH DUAL ADJUSTABLE LOW DROPOUT LINEAR REGULATOR CONROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223CS ETC-RT9223CS Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
More results

Similar Description - RT922

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com