Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YD0510 Datasheet (PDF) - Wuxi Youda electronics Co.,LTD

YD0510 Datasheet PDF - Wuxi Youda electronics Co.,LTD
Part # YD0510
Download  YD0510 Download
File Size   88.0 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 5V/1A YD0510

YD0510 Datasheet (PDF)

Go To PDF Page Download Datasheet
YD0510 Datasheet PDF - Wuxi Youda electronics Co.,LTD

Part # YD0510
Download  YD0510 Click to download

File Size   88.0 Kbytes
Page   3 Pages
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD
Description 5V/1A YD0510

YD0510 Datasheet (HTML) - Wuxi Youda electronics Co.,LTD


YD0510 Product details

Overview and features
The YD0510 is a low dropout 5V regulator IC with control output.
The characteristics of this circuit are as follows:
    Low energy loss (at Io=1.0A, the maximum input-output voltage difference is only 0.5V);
    The output current reaches 1.0A;
    5V output voltage accuracy is high (up to ± 3.0%);
    Control output is simple;
    With overcurrent, overheat protection;
    It is available in a small compact package (TO-220-4).




Similar Part No. - YD0510

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
More results


Similar Description - YD0510

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
logo
ON Semiconductor
CS8121 ONSEMI-CS8121 Datasheet
102Kb / 8P
5V, 1A Linear Regulator
December, 2001 - Rev. 7
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
5V~12V 1A Low Dropout Regulator
logo
Monolithic Power System...
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA9639 ETA-ETA9639 Datasheet
216Kb / 1P
5V/1A Synchronous Boost with 1A Linear Charger for Power Bank
logo
Billiton Ltd.
TP5410 ASIC-TP5410 Datasheet
855Kb / 11P
1A lityum baeteoli chungjeon mich 5V / 1A buseuteu jeeo chib
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
logo
Shenzhen Huazhimei Semi...
HM5903 HMSEMI-HM5903 Datasheet
1Mb / 9P
1A lithium battery charging and 5V/1A boost control chip
logo
SparkFun Electronics
PRT-14411 SPARKFUN-PRT-14411 Datasheet
94Kb / 2P
SparkFun LiPo Charger/Booster ??5V/1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com