Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU2W331MCZS7WPEC Datasheet (PDF) - AIC tech Inc.

CU2W331MCZS7WPEC Datasheet PDF - AIC tech Inc.
Part # CU2W331MCZS7WPEC
Download  CU2W331MCZS7WPEC Download
File Size   69.31 Kbytes
Page   2 Pages
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.
Description AIC tech Inc. [AICTECH]^1568

CU2W331MCZS7WPEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CU2W331MCZS7WPEC Datasheet PDF - AIC tech Inc.

Part # CU2W331MCZS7WPEC
Download  CU2W331MCZS7WPEC Click to download

File Size   69.31 Kbytes
Page   2 Pages
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.
Description AIC tech Inc. [AICTECH]^1568

CU2W331MCZS7WPEC Datasheet (HTML) - AIC tech Inc.


CU2W331MCZS7WPEC Product details

Features
• CU series has higher ripple current (ave 30%)
compared with HU3 series. These features are
accomplished by new heat radiation.
• The vent is located in the side of the case.




Similar Part No. - CU2W331MCZS7WPEC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
CU2 ALLEN-BRADLEY-CU2 Datasheet
112Kb / 4P
Stop Motion Monitors
logo
XP Power Limited
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
CU20-00 XPPOWER-CU20-00 Datasheet
197Kb / 2P
AC-DC Power Supplies
CU20-00 XPPOWER-CU20-00 Datasheet
410Kb / 2P
Single Outputs from 3.3 V to 24 V
CU20-09 XPPOWER-CU20-09 Datasheet
197Kb / 2P
AC-DC Power Supplies
More results


Similar Description - CU2W331MCZS7WPEC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC7450EC MOTOROLA-MPC7450EC Datasheet
1Mb / 52P
Freescale Semiconductor, Inc.
logo
AZ Displays
AGM2432B-FE-FBH-T AZDISPLAYS-AGM2432B-FE-FBH-T Datasheet
401Kb / 13P
AZ DISPLAYS, INC.
AGM2464DC AZDISPLAYS-AGM2464DC Datasheet
55Kb / 1P
AZ DISPLAYS, INC.
GD-269P AZDISPLAYS-GD-269P Datasheet
70Kb / 1P
AZ DISPLAYS, INC.
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
Freescale Semiconductor, Inc.
MC68HC705J1ACPE FREESCALE-MC68HC705J1ACPE Datasheet
1Mb / 162P
Freescale Semiconductor, Inc.
logo
TAI-SAW TECHNOLOGY CO.,...
TA1584A TAI-SAW-TA1584A Datasheet
249Kb / 8P
SAW Filter 1568 MHz
logo
JMK Inc.
MM-1568-70 JMK-MM-1568-70 Datasheet
34Kb / 1P
MM-1568-70
logo
Davicom Semiconductor, ...
DM9051NP DAVICOM-DM9051NP Datasheet
87Kb / 1P
DAVICOM Semiconductor, Inc
logo
Pasternack Enterprises,...
PE33583 PASTERNACK-PE33583 Datasheet
269Kb / 1P
pasternack enterprises, inc.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com