Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES1823P-100 Datasheet (PDF) - Renesas Technology Corp

NES1823P-100 Datasheet PDF - Renesas Technology Corp
Part # NES1823P-100
Download  NES1823P-100 Download
File Size   265.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MESFET

NES1823P-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823P-100 Datasheet PDF - Renesas Technology Corp

Part # NES1823P-100
Download  NES1823P-100 Click to download

File Size   265.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MESFET

NES1823P-100 Datasheet (HTML) - Renesas Technology Corp


NES1823P-100 Product details

100W L-BAND PUSH-PULL POWER GaAs MESFET

DESCRIPTION
The NES1823P-100 is a 100 W push-pull type GaAs MESFET designed for high power transmitter applications for
IMT-2000 and PCS/PCN base station systems. It is capable of delivering 100 watts of output power with high linear
gain, high efficiency and excellent distortion. Its primary band is 1.8 to 2.3 GHz with different maching.
The device employs Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide and nitride
passivation for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.
FEATURES
• Push-pull type N-channel GaAs MESFET
• High Output Power : 100 W TYP.
• High Linear Gain : 11.0 dB TYP.
• High Drain Efficiency: 50 % TYP. @VDS = 10 V, IDset = 6 A, f = 2.2 GHz




Similar Part No. - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
NEC
NES1823P-100 NEC-NES1823P-100 Datasheet
154Kb / 20P
100W L-BAND PUSH-PULL POWER GaAs MESFET
More results


Similar Description - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CF300 ETC-CF300 Datasheet
616Kb / 10P
N- Channel-GaAs-MESFET-Tetrode Depletion Mode
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
L to Ku Band Low Noise N-Channel GaAs MESFET
NEZ1011-3E NEC-NEZ1011-3E Datasheet
82Kb / 12P
N-CHANNEL GaAs MESFET
logo
Mimix Broadband
CF001-01 MIMIX-CF001-01_08 Datasheet
364Kb / 3P
GaAs MESFET Transistor
CF003-01 MIMIX-CF003-01 Datasheet
589Kb / 3P
GaAs MESFET Transistor
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
C TO X BAND N-CHANNEL GaAs MESFET
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
L to Ku Band Low Noise N-Channel GaAs MESFET
logo
Renesas Technology Corp
NEZ1011-3E RENESAS-NEZ1011-3E Datasheet
199Kb / 14P
N-CHANNEL GaAs MESFET
1998
NEZ1011-4E RENESAS-NEZ1011-4E Datasheet
198Kb / 14P
N-CHANNEL GaAs MESFET
1998
NEZ1011-5E RENESAS-NEZ1011-5E Datasheet
198Kb / 14P
N-CHANNEL GaAs MESFET
1998
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com