Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES1823P-100 Datasheet (PDF) - NEC

NES1823P-100 Datasheet PDF - NEC
Part # NES1823P-100
Download  NES1823P-100 Download
File Size   154.62 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 100W L-BAND PUSH-PULL POWER GaAs MESFET

NES1823P-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823P-100 Datasheet PDF - NEC

Part # NES1823P-100
Download  NES1823P-100 Click to download

File Size   154.62 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 100W L-BAND PUSH-PULL POWER GaAs MESFET

NES1823P-100 Datasheet (HTML) - NEC


NES1823P-100 Product details

DESCRIPTION
The NES1823P-100 is a 100 W push-pull type GaAs MESFET designed for high power transmitter applications for IMT-2000 and PCS/PCN base station systems. It is capable of delivering 100 watts of output power with high linear gain, high efficiency and excellent distortion. Its primary band is 1.8 to 2.3 GHz with different maching.
The device employs Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide and nitride passivation for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.

FEATURES
• Push-pull type N-channel GaAs MESFET
• High Output Power : 100 W TYP.
• High Linear Gain : 11.0 dB TYP.
• High Drain Efficiency: 50 % TYP. @VDS = 10 V, IDset = 6 A, f = 2.2 GHz




Similar Part No. - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823P-100 RENESAS-NES1823P-100 Datasheet
265Kb / 22P
N-CHANNEL GaAs MESFET
1998
More results


Similar Description - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
3W L, S-BAND POWER GaAs MESFET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
50 W L-BAND PUSH-PULL POWER GaAs MES FET
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
3W, L/S-BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
L/S BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
L/S BAND MEDIUM POWER GaAs MESFET
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com