Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES1823P-140 Datasheet (PDF) - Renesas Technology Corp

NES1823P-140 Datasheet PDF - Renesas Technology Corp
Part # NES1823P-140
Download  NES1823P-140 Download
File Size   183.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NES1823P-140 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823P-140 Datasheet PDF - Renesas Technology Corp

Part # NES1823P-140
Download  NES1823P-140 Click to download

File Size   183.91 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NES1823P-140 Datasheet (HTML) - Renesas Technology Corp


NES1823P-140 Product details

140 W L, S-BAND PUSH-PULL POWER GaAs MES FET

DESCRIPTION
The NES1823P-140 is a 140 W push-pull type GaAs MES FET designed for high power transmitter applications
for PCS, DCS, PHS and IMT2000 base station systems. It is capable of delivering 140 W of output power (CW) with
high linear gain, high efficiency and excellent distortion under the condition of 12 V operation. Its primary band is 1.8
to 2.3 GHz, however with different matching, 60 MHz or less of instantaneous bandwidth can be achieved anywhere
from 0.8 to 2.3 GHz. The device employs 0.9 mm Tungsten Silicide gates, via holes, plated heat sink, and silicon
dioxide passivation for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.
FEATURES
• Push-pull type N-channel GaAs MES FET
• VDS = 12.0 V operation
• High output power: Pout = 140 W TYP.
• High linear gain: GL = 11 dB TYP.
• High power added efficiency: hadd = 43 % TYP. @ VDS = 12.0 V, IDset = 6.0 A (total), f = 2.20 GHz




Similar Part No. - NES1823P-140

ManufacturerPart #DatasheetDescription
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
More results


Similar Description - NES1823P-140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
N-CHANNEL GaAs MES FET
2001
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
N-CHANNEL GaAs MES FET
1998
NE960R2 RENESAS-NE960R2 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
NES1823P-30 RENESAS-NES1823P-30 Datasheet
188Kb / 10P
N-CHANNEL GaAs MES FET
1999
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com