Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE960R5 Datasheet (PDF) - Renesas Technology Corp

NE960R5 Datasheet PDF - Renesas Technology Corp
Part # NE960R5
Download  NE960R5 Download
File Size   244.07 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NE960R5 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE960R5 Datasheet PDF - Renesas Technology Corp

Part # NE960R5
Download  NE960R5 Click to download

File Size   244.07 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET

NE960R5 Datasheet (HTML) - Renesas Technology Corp


NE960R5 Product details

DESCRIPTION
The NE960R5 Series are 0.5 W GaAs MES FETs designed for middle power transmitter applications for X, Kuband
microwave communication systems. It is capable of delivering 0.5 watt of output power (CW) with high linear gain, high efficiency and low distortion and are suitable as driver amplifiers for our X, Ku-band amplifiers etc. The NE960R500 is available in chip form. The NE960R500 has a via hole source grounding and PHS (Plated Heat Sink) for superior RF performance. The NE960R575 is available in a hermetically sealed ceramic package. Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.

FEATURES
• High Output Power : Po (1 dB) = +27.5 dBm TYP.
• High Linear Gain : 9.0 dB TYP.
• High Power Added Efficiency : 30 % TYP. @VDS = 9 V, IDset = 180 mA, f = 14.5 GHz




Similar Part No. - NE960R5

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R5 NEC-NE960R5 Datasheet
62Kb / 12P
0.5 W X, Ku-BAND POWER GaAs MES FET
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
logo
NEC
NE960R500 NEC-NE960R500 Datasheet
62Kb / 12P
0.5 W X, Ku-BAND POWER GaAs MES FET
NE960R575 NEC-NE960R575 Datasheet
62Kb / 12P
0.5 W X, Ku-BAND POWER GaAs MES FET
NE960R575 NEC-NE960R575 Datasheet
28Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
More results


Similar Description - NE960R5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
N-CHANNEL GaAs MES FET
2001
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
N-CHANNEL GaAs MES FET
1998
NE960R2 RENESAS-NE960R2 Datasheet
245Kb / 10P
N-CHANNEL GaAs MES FET
2003
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
NES1823P-140 RENESAS-NES1823P-140 Datasheet
183Kb / 10P
N-CHANNEL GaAs MES FET
2000
NES1823P-30 RENESAS-NES1823P-30 Datasheet
188Kb / 10P
N-CHANNEL GaAs MES FET
1999
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com