Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE960R5 Datasheet (PDF) - NEC

NE960R5 Datasheet PDF - NEC
Part # NE960R5
Download  NE960R5 Download
File Size   62.17 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 0.5 W X, Ku-BAND POWER GaAs MES FET

NE960R5 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE960R5 Datasheet PDF - NEC

Part # NE960R5
Download  NE960R5 Click to download

File Size   62.17 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 0.5 W X, Ku-BAND POWER GaAs MES FET

NE960R5 Datasheet (HTML) - NEC


NE960R5 Product details

DESCRIPTION
The NE960R5 Series are 0.5 W GaAs MES FETs designed for middle power transmitter applications for X, Kuband microwave communication systems. It is capable of delivering 0.5 watt of output power (CW) with high linear gain, high efficiency and low distortion and are suitable as driver amplifiers for our X, Ku-band NEZ Series amplifiers etc. The NE961R500 and the NE960R500 are available in chip form. The NE960R500 has a via hole source grounding and PHS (Plated Heat Sink) for superior RF performance. The NE960R575 and the NE962R575 are available in a hermetically sealed ceramic package. The NE962R575 is suitable for oscillator application. Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.

FEATURES
• High Output Power : Po (1 dB) = +27.5 dBm TYP.
• High Linear Gain : 9.0 dB TYP.
• High Power Added Efficiency: 30 % TYP. @VDS = 9 V, IDset = 180 mA, f = 14.5 GHz




Similar Part No. - NE960R5

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
logo
Renesas Technology Corp
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
NE960R500 RENESAS-NE960R500 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
logo
NEC
NE960R575 NEC-NE960R575 Datasheet
28Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
logo
Renesas Technology Corp
NE960R575 RENESAS-NE960R575 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
More results


Similar Description - NE960R5

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
0.2 W X, Ku-BAND POWER GaAs MES FET
logo
Eudyna Devices Inc
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
X, Ku Band Power GaAs FET
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
0.5W X, Ku-BAND POWER GaAs FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com