Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES1823S-45 Datasheet (PDF) - Renesas Technology Corp

NES1823S-45 Datasheet PDF - Renesas Technology Corp
Part # NES1823S-45
Download  NES1823S-45 Download
File Size   239.18 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET

NES1823S-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823S-45 Datasheet PDF - Renesas Technology Corp

Part # NES1823S-45
Download  NES1823S-45 Click to download

File Size   239.18 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET

NES1823S-45 Datasheet (HTML) - Renesas Technology Corp


NES1823S-45 Product details

DESCRIPTION
The NES1823S-45 is a 45 W single-end type GaAs FET designed for high power transmitter applications for WCDMA
(IMT-2000) base station systems. It operates at 12 V and is capable of delivering 45 W of output power (CW)
with high linear gain, high efficiency and low distortion. Its primary band is 1.8 to 2.3 GHz. The device employs 0.9 μm
Tungsten Silicide gates, via holes, plated heatsink, and silicon dioxide passivation for superior performance, thermal
characteristics, and reliability.
FEATURES
• Single-end type GaAs FET
• VDS = 12 V operation
• High output power: Pout = 45 W TYP.
• High linear gain : GL = 13.5 dB TYP.
• High power added efficiency: ηadd = 53% TYP. @ VDS = 12 V, IDset = 1 A, f = 2.17 GHz
• Hollow plastic package




Similar Part No. - NES1823S-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
More results


Similar Description - NES1823S-45

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0906B MITSUBISHI-MGF0906B Datasheet
125Kb / 3P
L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A Datasheet
26Kb / 3P
L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A Datasheet
23Kb / 3P
L, S BAND POWER GaAs FET
logo
NEC
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
L,S BAND POWER GaAs FET?
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com