Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES1823P-45 Datasheet (PDF) - NEC

NES1823P-45 Datasheet PDF - NEC
Part # NES1823P-45
Download  NES1823P-45 Download
File Size   47.48 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 45 W L, S-BAND PUSH-PULL POWER GaAs MES FET

NES1823P-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES1823P-45 Datasheet PDF - NEC

Part # NES1823P-45
Download  NES1823P-45 Click to download

File Size   47.48 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 45 W L, S-BAND PUSH-PULL POWER GaAs MES FET

NES1823P-45 Datasheet (HTML) - NEC


NES1823P-45 Product details

DESCRIPTION
The NES1823P-45 is a 45 W push-pull type GaAs MES FET designed for high power transmitter applications for PCS, DCS, PHS and IMT2000 base station systems. It is capable of delivering 45 W of output power (CW) with high linear gain, high efficiency and excellent distortion under the condition of 12 V operation. Its primary band is 1.8 to 2.3 GHz, however with different matching, 60 MHz or less of instantaneous bandwidth can be achieved anywhere from 0.8 to 2.3 GHz. The device employs 0.9 µm Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide passivation for superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.

FEATURES
• Push-pull type N-channel GaAs MES FET
• VDS = 12.0 V operation
• High output power: Pout = 45 W TYP.
• High linear gain: GL = 12 dB TYP.
• High power added efficiency: ηadd = 45 % TYP. @ VDS = 12.0 V, IDset = 4.0 A (total), f = 2.20 GHz




Similar Part No. - NES1823P-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823P-45 RENESAS-NES1823P-45 Datasheet
184Kb / 10P
N-CHANNEL GaAs MES FET
2000
More results


Similar Description - NES1823P-45

ManufacturerPart #DatasheetDescription
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
45 W S-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-60 NEC-NES2427P-60 Datasheet
44Kb / 8P
60 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com