Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NES2427P-45 Datasheet (PDF) - Renesas Technology Corp

NES2427P-45 Datasheet PDF - Renesas Technology Corp
Part # NES2427P-45
Download  NES2427P-45 Download
File Size   182.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET

NES2427P-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
NES2427P-45 Datasheet PDF - Renesas Technology Corp

Part # NES2427P-45
Download  NES2427P-45 Click to download

File Size   182.45 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET

NES2427P-45 Datasheet (HTML) - Renesas Technology Corp


NES2427P-45 Product details

DESCRIPTION
The NES2427P-45 is a 45 W push-pull type GaAs MES FET designed for high power transmitter applications for
WLL repeater and base station systems. It is capable of delivering 45 W of output power (CW) with high linear gain,
high efficiency and excellent distortion under the condition of 12 V operation. Its primary band is 2.4 to 2.7 GHz. The
device employs 0.9 mm Tungsten Silicide gates, via holes, plated heat sink, and silicon dioxide passivation for
superior performance, thermal characteristics, and reliability.
Reliability and performance uniformity are assured by NEC’s stringent quality and control procedures.
FEATURES
• Push-pull type N-channel GaAs MES FET
• VDS = 12.0 V operation
• High output power: Pout = 45 W TYP.
• High linear gain: GL = 11 dB TYP.
• High power added efficiency: hadd = 41 % TYP. @ VDS = 12.0 V, IDset = 4.0 A (total), f = 2.70 GHz




Similar Part No. - NES2427P-45

ManufacturerPart #DatasheetDescription
logo
NEC
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
45 W S-BAND PUSH-PULL POWER GaAs MES FET
More results


Similar Description - NES2427P-45

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
45 W S-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-60 NEC-NES2427P-60 Datasheet
44Kb / 8P
60 W S-BAND PUSH-PULL POWER GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com