Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NL1100L Datasheet (PDF) - Renesas Technology Corp

NL1100L Datasheet PDF - Renesas Technology Corp
Part # NL1100L
Download  NL1100L Download
File Size   204.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRANSCEIVER MODULE

NL1100L Datasheet (PDF)

Go To PDF Page Download Datasheet
NL1100L Datasheet PDF - Renesas Technology Corp

Part # NL1100L
Download  NL1100L Click to download

File Size   204.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TRANSCEIVER MODULE

NL1100L Datasheet (HTML) - Renesas Technology Corp


NL1100L Product details

FAST SERIAL INFRARED LINK FOR IrDA
DATA RATE: 2.4 k to 4.0 Mbps

FEATURES
• Conform to IrDA Ver. 1.1 standards
• High data rate Channel A: 2.4 k to 115.2 kbps
Channel B: 0.576 M to 4.0 Mbps
• Data link distance 1 cm to 1 m
• Small size (Mold PKG) 6.9 ´ 13.2 ´ 6.5 (mm)
• Includes daylight cancellation
• NL1100L : Surface mount type (Optional device : When purchasing this device, contact an NEC sales
representative.)




Similar Part No. - NL1100L

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
NL111 SWITCH-NL111 Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
NL112A SWITCH-NL112A Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
NL112B SWITCH-NL112B Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
NL113B SWITCH-NL113B Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
NL114B SWITCH-NL114B Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
More results


Similar Description - NL1100L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOI-6001A KODENSHI-KOI-6001A Datasheet
1Mb / 2P
IR Transceiver Module
logo
STMicroelectronics
STW3100 STMICROELECTRONICS-STW3100 Datasheet
456Kb / 7P
TRANSCEIVER MODULE
logo
KODENSHI_AUK CORP.
KOI-6001B KODENSHI-KOI-6001B Datasheet
107Kb / 2P
IR Transceiver Module
KOI-6006B KODENSHI-KOI-6006B Datasheet
104Kb / 2P
IR Transceiver Module
KOI-6005A KODENSHI-KOI-6005A Datasheet
105Kb / 2P
IR Transceiver Module
KOI-6001CN KODENSHI-KOI-6001CN Datasheet
159Kb / 3P
IR Transceiver Module
logo
List of Unclassifed Man...
TRM-900-NT ETC1-TRM-900-NT Datasheet
2Mb / 23P
Transceiver Module
logo
EnOcean GmbH.
TCM410J ENOCEAN-TCM410J Datasheet
328Kb / 1P
Transceiver Module
November 2017
logo
Renesas Technology Corp
NL1000 RENESAS-NL1000 Datasheet
195Kb / 10P
TRANSCEIVER MODULE
1999
NL1020 RENESAS-NL1020 Datasheet
185Kb / 10P
TRANSCEIVER MODULE
1999
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com