Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP01PS Datasheet (PDF) - Renesas Technology Corp

NP01PS Datasheet PDF - Renesas Technology Corp
Part # NP01PS
Download  NP01PS Download
File Size   118.83 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE

NP01PS Datasheet (PDF)

Go To PDF Page Download Datasheet
NP01PS Datasheet PDF - Renesas Technology Corp

Part # NP01PS
Download  NP01PS Click to download

File Size   118.83 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE

NP01PS Datasheet (HTML) - Renesas Technology Corp


NP01PS Product details

Power supply for NP4201MF02
DESCRIPTION
The power supply NP01PS has been developed for evaluation purpose of NP4201MF02 (42-inch PDP module).
The input voltage ranges from 100 Vac to 240 Vac, which covers most specifications throughout the world. The
NP01PS has power outputs for a PDP module, video signal interface and audio circuits. The NP01PS has been
developed with the priority to realize a better characteristic performance rather than cost.
FEATURES
• Specially designed power supply for the NP4201MF02
• Power sources for analog processing and audio circuits are included.
• Compact size match with the power supply space in the NP4201MF02
• High power conversion efficiency




Similar Part No. - NP01PS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
184Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
220Kb / 6P
General Specifications
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
940Kb / 6P
Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB-S NKK-NP0115AG03LC-JB-S Datasheet
184Kb / 6P
Subminiature Smooth Actuation Pushbuttons
More results


Similar Description - NP01PS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8150KVT ROHM-BD8150KVT Datasheet
244Kb / 6P
Main Power Supply For TFT-LCD Display Module
BD8156EFV ROHM-BD8156EFV Datasheet
351Kb / 6P
Main Power Supply For TFT-LCD Display Module
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
Main Power Supply For TFT-LCD Display Module
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
IXYS Corporation
IXGA9289 IXYS-IXGA9289 Datasheet
37Kb / 2P
For Plasma Display Applications
logo
Toshiba Semiconductor
42WP56P TOSHIBA-42WP56P Datasheet
7Mb / 85P
Plasma Color Television
2005
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
05-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
APD-32A025A VISHAY-APD-32A025A Datasheet
297Kb / 12P
Intelligent Plasma Display
24-May-05
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com