Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP01PS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP01PS Datasheet HTML 1Page - Renesas Technology Corp NP01PS Datasheet HTML 2Page - Renesas Technology Corp NP01PS Datasheet HTML 3Page - Renesas Technology Corp NP01PS Datasheet HTML 4Page - Renesas Technology Corp NP01PS Datasheet HTML 5Page - Renesas Technology Corp NP01PS Datasheet HTML 6Page - Renesas Technology Corp NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NP01PS
2
Data Sheet EA0431EJ1V0DS00
INPUT CHARACTERISTICS
1) Input voltage
AC 100 / 120 / 220 / 240 V
±10%, 50 / 60 Hz
(Voltage range: AC 90 to 264 V)
2) Input rush current
Less than 50 A0-P (max.) at 264 V
OUTPUT
1) Output voltage characteristics
Rated
Adjustable
Rated
Output
Ripple/
Rated
Maximum
No.
Output
Symbol
Voltage
range
Voltage
output
current
noiseNote 8
power
power
(V)
(V)
stabilityNote 7
current
range
(mVp-p)
(W)
(W)
(A)
(A)
1
PDP sustain
Vs
–180
–160 to –190
±5 V
1.8
0.1 to 2.1
500/---
324
399
voltageNote 1
2
PDP data write
Vd
+75
+65 to +80
±2 V
1.07
0.005 to 1.7 250/ 500
80
136
voltageNote 2
3
Logic (+5 V)Note 3
D+5
+5
+5 to +5.5
±5%
8.0
4.0 to 9.0
30/300
40
49.5
4
Analog (+14 V)Note 4
A+14
+14
Fixed
±5%
1.0
0.1 to 1.5
50/400
14
21
5
Analog (+7 V)Note 5
A+7
+7
Fixed
+6.5 V to +9.0 V
1.0
0.1 to 1.5
30/100
7
10.5
6
Fan
F+12
+12
+8 to +13
±10%
1.0
0.8 to 1.6
50/500
12
20.8
7
Stand byNote 6
M+5
+5
Fixed
±5%
0.3
0.1 to 0.5
50/400
1.5
2.5
8
Audio
S+13
+13
Fixed
+13 V to +19.2 V
2.5
0.1 to 3.5
50/500
20Note 9
45.5
Total maximum
---
---
---
---
---
---
---
---
500Note 10
power
Notes 1. Set the voltage to the specified voltage value on the label affixed to each PDP module.
2. Set the voltage to the specified voltage value on the label affixed to each PDP module.
3. Power source shared by the PDP module and the external interface circuit.
4. The voltage is utilized to make +12 V low noise power source for the analogue circuit through the series
regulator.
5. The voltage is utilized to make +5 V low noise power source for the analogue circuit through the series
regulator.
6. Power source for the stand by control circuit, which always outputs a voltage of +5 V, after connection
with the AC input.
7. Includes input fluctuation, load fluctuation and temperature drift.
8. Connect a dummy load which consumes the rated current and a capacitor (47
µF) to the end of the 700-
mm AWG #20 wire, and measure the noise level at both ends of the capacitor.
9. Rated power. Set the peak power to 45.5 W (upper limit) or less.
10. Operation over the upper limit may cause power supply failure. Design the PLE external circuit char-
acteristic in accordance with the PDP module PLE design rules, so that the total power (W) does not
exceed the upper limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com