Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP01PS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NP01PS Datasheet HTML 7Page - Renesas Technology Corp NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp NP01PS Datasheet HTML 10Page - Renesas Technology Corp NP01PS Datasheet HTML 11Page - Renesas Technology Corp NP01PS Datasheet HTML 12Page - Renesas Technology Corp NP01PS Datasheet HTML 13Page - Renesas Technology Corp NP01PS Datasheet HTML 14Page - Renesas Technology Corp NP01PS Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Figure 2. NP01PS Power Supply Connection Block Diagram
Vs regulator
Protector
Vd regulator
Protector
D+5 regulator
Protector
A+14 regulator
A+7 regulator
F+12 regulator
S+13 regulator
M+5 regulator
NP01PS power supply
High voltage
parts control
circuit
Low voltage
parts control
circuit
Rectifi-
cation
circuit
Main
switch
AC inlet
with
Noise filter
AC
plug
AC-L
AC-N
FG1
FG2
F+12
Fan lock signal
Fan
PDP
Module
(NP4201MF02)
Digital video signal /
Control signal
Series regulator
(Analog +12V)
Series regulator
(Analog +5V)
Video signal
processing circuit
Power
management
control circuit
Audio circuit
Stand-by
ON/OFF
switch
S+13
ALARM1
POSAVE
POWER
M+5
Fan lock
detection
D+5
A+7
A+14
Vs
Vd
D+5
ALARM2
ALARM1
LVP
POSAVE
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com