Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP01PS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # NP01PS
Description  POWER SUPPLY FOR COLOR PLASMA DISPLAY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP01PS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button NP01PS Datasheet HTML 8Page - Renesas Technology Corp NP01PS Datasheet HTML 9Page - Renesas Technology Corp NP01PS Datasheet HTML 10Page - Renesas Technology Corp NP01PS Datasheet HTML 11Page - Renesas Technology Corp NP01PS Datasheet HTML 12Page - Renesas Technology Corp NP01PS Datasheet HTML 13Page - Renesas Technology Corp NP01PS Datasheet HTML 14Page - Renesas Technology Corp NP01PS Datasheet HTML 15Page - Renesas Technology Corp NP01PS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 3. NP01PS Outline Drawing
Notes 1. The allowances for dimensions with no description are
±0.5 mm.
2. The sizes in parentheses are for reference only.
3. Remove the screw during the withstand voltage test or isolation resistance measurement.
4. For mounting the power supply, keep allowance of more than 5 mm for the insulation.
PD
PH
PA
PM
PN
PV
PQ
437
±1.5
425
Air exhaust space
(20
∼30)
6
(6)
(211.5)
(37)
(32)
(30)
(40)
(41.75)
14 1
10
6
1 14
1 8
1
4
1 5
1
for Vs
adjustment
for Vd
adjustment
for D+5 V
adjustment
for F+12 V
adjustment
(232.5)
(126)
(48)
(385.5)
(9.5)
Note 3
Product
name label
(13)
(6.5)
Note 4
Base plate
Mounting
holes
(screw head)
3max.
53.1
±1.0
(47.5)
(5)
(1.6)
Units: mm
AC-L
AC-N
FG-1
FG-2
φ
6
− 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com