Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D13AP2WF Datasheet (PDF) - Diodes Incorporated

D13AP2WF Datasheet PDF - Diodes Incorporated
Part # D13AP2WF
Download  D13AP2WF Download
File Size   290.74 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

D13AP2WF Datasheet (PDF)

Go To PDF Page Download Datasheet
D13AP2WF Datasheet PDF - Diodes Incorporated

Part # D13AP2WF
Download  D13AP2WF Click to download

File Size   290.74 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

D13AP2WF Datasheet (HTML) - Diodes Incorporated


D13AP2WF Product details

Features
 225W Peak Pulse Power Dissipation (10μs  1000μs Waveform)
 13V Standoff Voltage
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 Excellent Clamping Capability
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Power Management
 Automotive
 Battery Contacts




Similar Part No. - D13AP2WF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D13 TTELEC-D13 Datasheet
380Kb / 4P
Single-In-Line Conformal Coated Diode Array
05.21
logo
WM Berg Inc.
D13-1 WMBERG-D13-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-10 WMBERG-D13-10 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-11 WMBERG-D13-11 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-12 WMBERG-D13-12 Datasheet
90Kb / 1P
DOWEL SOFT PINS
More results


Similar Description - D13AP2WF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
83Kb / 4P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 6 - 2
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 1
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
Rev erse
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com