Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D13AP2WF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D13AP2WF
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D13AP2WF Datasheet(HTML) 1 Page - Diodes Incorporated

  D13AP2WF Datasheet HTML 1Page - Diodes Incorporated D13AP2WF Datasheet HTML 2Page - Diodes Incorporated D13AP2WF Datasheet HTML 3Page - Diodes Incorporated D13AP2WF Datasheet HTML 4Page - Diodes Incorporated D13AP2WF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D13AP2WF
Document number: DS41362 Rev. 2 - 2
1 of 5
www.diodes.com
April 2019
© Diodes Incorporated
D13AP2WF
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Product Summary (@TA = +25°C)
VBR (MIN)
IPP (MAX)
VC (MAX)
14.4V
10.5A
21.5V
Description
This new generation TVS is designed for transient overvoltage
protection. The combination of small size and high ESD surge
capability makes it ideal for use in power management and battery
contact.
Applications
It is ideally suited for use in applications such as the following:
Power Management
Automotive
Battery Contacts
Features
225W Peak Pulse Power Dissipation (10µs  1000µs Waveform)
13V Standoff Voltage
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
Excellent Clamping Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOD123F
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals:
Matte
Tin Finish Annealed
over
Copper
Alloy
Leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.018 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size(inches)
Tape Width(mm)
Quantity per Reel
D13AP2WF-7
Commercial
P2L
7
8
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2018
2019
2020
2021
2022
2023
2024
Code
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Bottom View
P2L = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: G = 2019)
M = Month (ex: 9 = September)
Bar Denotes Cathode Side
F
x
x
Green
SOD123F (Type B)
P2L
Top View
Cathode
Anode


Similar Part No. - D13AP2WF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D13 TTELEC-D13 Datasheet
380Kb / 4P
Single-In-Line Conformal Coated Diode Array
05.21
logo
WM Berg Inc.
D13-1 WMBERG-D13-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-10 WMBERG-D13-10 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-11 WMBERG-D13-11 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D13-12 WMBERG-D13-12 Datasheet
90Kb / 1P
DOWEL SOFT PINS
More results

Similar Description - D13AP2WF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
83Kb / 4P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 6 - 2
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 1
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
Rev erse
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com