Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D18AP2WF-7 Datasheet (PDF) - Diodes Incorporated

D18AP2WF-7 Datasheet PDF - Diodes Incorporated
Part # D18AP2WF-7
Download  D18AP2WF-7 Download
File Size   383.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

D18AP2WF-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
D18AP2WF-7 Datasheet PDF - Diodes Incorporated

Part # D18AP2WF-7
Download  D18AP2WF-7 Click to download

File Size   383.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

D18AP2WF-7 Datasheet (HTML) - Diodes Incorporated


D18AP2WF-7 Product details

Features
 225W Peak Pulse Power Dissipation (10μs x 1000μs Waveform)
 18V Standoff Voltages
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 Excellent Clamping Capability
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.

Applications
 Power Management
 Battery Contacts




Similar Part No. - D18AP2WF-7

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D18-1 WMBERG-D18-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
logo
PANDUIT CORP.
D18-145M PANDUIT-D18-145M Datasheet
67Kb / 1P
NON-INSULATED MALE TAB
D18-187 PANDUIT-D18-187 Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-C PANDUIT-D18-187-C Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-M PANDUIT-D18-187-M Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
More results


Similar Description - D18AP2WF-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
83Kb / 4P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 6 - 2
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 1
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
Rev erse
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com