Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D20V0H1U2LP Datasheet (PDF) - Diodes Incorporated

D20V0H1U2LP Datasheet PDF - Diodes Incorporated
Part # D20V0H1U2LP
Download  D20V0H1U2LP Download
File Size   189.63 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V UNIDIRECTIONAL TVS DIODE

D20V0H1U2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D20V0H1U2LP Datasheet PDF - Diodes Incorporated

Part # D20V0H1U2LP
Download  D20V0H1U2LP Click to download

File Size   189.63 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V UNIDIRECTIONAL TVS DIODE

D20V0H1U2LP Datasheet (HTML) - Diodes Incorporated


D20V0H1U2LP Product details

Features
• Low Profile Package (0.53mm Max) and Ultra-Small PCB Footprint Area (1.08mm × 0.68mm Max) Suitable for Compact Portable Electronics
• Provides ESD Protection per IEC 61000-4-2 Standard: Air ±30kV, Contact ±30kV
• One Channel of ESD Protection
• Low Channel Input Capacitance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - D20V0H1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D20V0L1B2LP DIODES-D20V0L1B2LP Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
D20V0L1B2LP-7B DIODES-D20V0L1B2LP-7B Datasheet
345Kb / 6P
20V BIDIRECTIONAL TVS DIODE
November 2018
D20V0L1B2LP3 DIODES-D20V0L1B2LP3 Datasheet
453Kb / 6P
20V BIDIRECTIONAL TVS DIODE
September 2021 Rev. 1 - 2
D20V0L1B2LP3-7 DIODES-D20V0L1B2LP3-7 Datasheet
453Kb / 6P
20V BIDIRECTIONAL TVS DIODE
September 2021 Rev. 1 - 2
D20V0L1B2WS DIODES-D20V0L1B2WS Datasheet
217Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 3
More results


Similar Description - D20V0H1U2LP

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com