Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD Datasheet (PDF) - ABLE Power Products

SPD Datasheet PDF - ABLE Power Products
Part # SPD
Download  SPD Download
File Size   234.05 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description Over Voltage & Under Voltage Cut-Off With Surge Protection Device

SPD Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD Datasheet PDF - ABLE Power Products

Part # SPD
Download  SPD Click to download

File Size   234.05 Kbytes
Page   1 Pages
Manufacturer  ABLEPOWERPRODUCTS [ABLE Power Products]
Direct Link  https://ablepowerproducts.com/
Logo ABLEPOWERPRODUCTS - ABLE Power Products
Description Over Voltage & Under Voltage Cut-Off With Surge Protection Device

SPD Datasheet (HTML) - ABLE Power Products


SPD Product details

OVCD Features
• Extends The Life Of Your Fixture By Eliminating
Temporary Over/Under Voltages that Can
Harm Sensitive Electronic Components
• Over 6,000 Operations Per Product Lifetime
• Safe Restore™
-30 Second Delay on Power-Up
-Instant Drop on Over/Under Voltage Condition
-30 Second Delay Reconnect When Nominal
Voltage Returns to Normal
-Automatically Disconnects Fixture Within 7ms
After Detecting Damaging Voltage Levels
• Automatically Shuts Off Power to the Fixture When
Nominal Voltage Decreases by 45V
• Automatically Shuts Off Power to the Fixture When
Nominal Voltage Increases by 45V
SPD Features
• Thermally-Fused MOVs (TFMOV)
• Gas Discharge Tube Technology
• Multi-Function Diagnostic Indicators
• All-Mode Protection (L-N, L-G and N-G)
• Small Footprint with Mounting Tabs
• UL 1449 Approved




Similar Part No. - SPD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPD SANYO-SPD Datasheet
57Kb / 2P
C to Ku Band Mixer, Detector, Modulator Applications
logo
Solid States Devices, I...
SPD SSDI-SPD Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
TE Connectivity Ltd
SPD TEC-SPD Datasheet
939Kb / 4P
Compact, High-Performance String Pot Dual Ouput to 50
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
60W, Single Output Adapter
logo
SYNERGY MICROWAVE CORPO...
SPD-10-215 SYNERGY-SPD-10-215 Datasheet
368Kb / 3P
2-WAY POWER DIVIDER
More results


Similar Description - SPD

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS222L SITI-PS222L Datasheet
145Kb / 13P
Over/Under-voltage protection and lock out
PS224 SITI-PS224 Datasheet
143Kb / 12P
Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
Over/Under-voltage protection and lock out
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
logo
Bel Fuse Inc.
0RQB-E0S11B BEL-0RQB-E0S11B Datasheet
550Kb / 13P
Input Under-Voltage Lockout Output Over-Voltage Protection
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
Input Under / Over-Voltage Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
ABLE Power Products
OVCD-277-HW ABLEPOWERPRODUCTS-OVCD-277-HW Datasheet
404Kb / 1P
Over Voltage & Under Voltage Cut-Off with Safe RestoreTM
Revised 4/1/2021
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
Over Voltage & Under Voltage Cut-Off
1/13/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com