Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD Datasheet (PDF) - Solid States Devices, Inc

SPD Datasheet PDF - Solid States Devices, Inc
Part # SPD
Download  SPD Download
File Size   75.77 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER

SPD Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD Datasheet PDF - Solid States Devices, Inc

Part # SPD
Download  SPD Click to download

File Size   75.77 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER

SPD Datasheet (HTML) - Solid States Devices, Inc


SPD Product details

Features:
• Fast Recovery: 120 nsec maximum
• Low Reverse Leakage Current
• Single Chip Construction
• PIV to 400V
• Hermetically Sealed
• High Surge Rating
• Low Thermal Resistance
• Higher Voltage Devices Available–Contact Factory
• For Reverse Polarity Add Suffix “R”
• Replacement for 1N3899, 1N3900, 1N3901, 1N3902, and 1N3903
• TX, TXV, and S-Level Screening Available 2/




Similar Part No. - SPD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPD SANYO-SPD Datasheet
57Kb / 2P
C to Ku Band Mixer, Detector, Modulator Applications
logo
TE Connectivity Ltd
SPD TEC-SPD Datasheet
939Kb / 4P
Compact, High-Performance String Pot Dual Ouput to 50
logo
ABLE Power Products
SPD ABLEPOWERPRODUCTS-SPD Datasheet
234Kb / 1P
Over Voltage & Under Voltage Cut-Off With Surge Protection Device
2/16/2023
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
60W, Single Output Adapter
logo
SYNERGY MICROWAVE CORPO...
SPD-10-215 SYNERGY-SPD-10-215 Datasheet
368Kb / 3P
2-WAY POWER DIVIDER
More results


Similar Description - SPD

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SHF1304 SSDI-SHF1304 Datasheet
138Kb / 2P
3 AMP, 400 - 800 Volts 40 - 50 nsec, Hyper Fast Rectifier
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SDR1183 SSDI-SDR1183 Datasheet
97Kb / 2P
35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER
SPD10192 SSDI-SPD10192 Datasheet
78Kb / 2P
35 Amp FAST RECOVERY RECTIFIER 800 - 1400 Volt 250 nsec
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD3889 SSDI-SPD3889 Datasheet
163Kb / 2P
12 A, 120 nsec, 50-400 V Fast Recovery Rectifier
logo
Central Semiconductor C...
CPD24-1N4944 CENTRAL-CPD24-1N4944 Datasheet
955Kb / 4P
Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
CPD24-CMR1F-04M CENTRAL-CPD24-CMR1F-04M Datasheet
955Kb / 4P
Fast Rectifier Die 1.0 Amp, 400 Volt
R1 26-March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com