Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138BK Datasheet (PDF) - Nexperia B.V. All rights reserved

BSS138BK Datasheet PDF - Nexperia B.V. All rights reserved
Part # BSS138BK
Download  BSS138BK Download
File Size   1586.05 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 360 mA N-channel Trench MOSFET

BSS138BK Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138BK Datasheet PDF - Nexperia B.V. All rights reserved

Part # BSS138BK
Download  BSS138BK Click to download

File Size   1586.05 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 360 mA N-channel Trench MOSFET

BSS138BK Datasheet (HTML) - Nexperia B.V. All rights reserved


BSS138BK Product details

1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
1.2 Features and benefits
 Logic-level compatible
 Very fast switching
 Trench MOSFET technology
 ESD protection up to 1.5 kV
 AEC-Q101 qualified
1.3 Applications
 Relay driver
 High-speed line driver
 Low-side loadswitch
 Switching circuits




Similar Part No. - BSS138BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138BK NXP-BSS138BK Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
BSS138BK NXP-BSS138BK Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
logo
TECH PUBLIC Electronics...
BSS138BK TECHPUBLIC-BSS138BK Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
Multicomp Pro
BSS138BK MULTICOMP-BSS138BK Datasheet
2Mb / 6P
N Channel MOSFET
03/01/23 V1.0
logo
NXP Semiconductors
BSS138BK215 NXP-BSS138BK215 Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
More results


Similar Description - BSS138BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKT NXP-2N7002BKT Datasheet
361Kb / 16P
60 V, 290 mA N-channel Trench MOSFET
Rev. 1-15 June 2010
BSS138BK NXP-BSS138BK Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
BSS138P NXP-BSS138P Datasheet
181Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
BSS138BK215 NXP-BSS138BK215 Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
2N7002BKW PHILIPS-2N7002BKW_15 Datasheet
164Kb / 16P
60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
BSS138BK PHILIPS-BSS138BK_15 Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
BSS138P PHILIPS-BSS138P_15 Datasheet
181Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
2N7002P NEXPERIA-2N7002P Datasheet
283Kb / 15P
60 V, 360 mA N-channel Trench MOSFET
23 November 2020
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com