Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BKT Datasheet (PDF) - NXP Semiconductors

2N7002BKT Datasheet PDF - NXP Semiconductors
Part # 2N7002BKT
Download  2N7002BKT Download
File Size   361.32 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 290 mA N-channel Trench MOSFET

2N7002BKT Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BKT Datasheet PDF - NXP Semiconductors

Part # 2N7002BKT
Download  2N7002BKT Click to download

File Size   361.32 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 290 mA N-channel Trench MOSFET

2N7002BKT Datasheet (HTML) - NXP Semiconductors


2N7002BKT Product details

General description

N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT416 (SC-75) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.



Features and benefits

„ Logic-level compatible

„ Very fast switching

„ Trench MOSFETtechnology

„ ESD protection up to 2 kV

„ AEC-Q101 qualified



Applications

„ Relay driver

„ High-speed line driver

„ Low-side loadswitch

„ Switching circuits




Similar Part No. - 2N7002BKT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2N7002BKT NEXPERIA-2N7002BKT Datasheet
460Kb / 17P
60 V, 290 mA N-channel Trench MOSFET
Rev. 1 - 15 June 2010
More results


Similar Description - 2N7002BKT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
BSS138P NXP-BSS138P Datasheet
181Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
2N7002BKW PHILIPS-2N7002BKW_15 Datasheet
164Kb / 16P
60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
2N7002BKM PHILIPS-2N7002BKM_15 Datasheet
356Kb / 16P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
BSS138BK PHILIPS-BSS138BK_15 Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
logo
Nexperia B.V. All right...
2N7002BKM NEXPERIA-2N7002BKM Datasheet
906Kb / 16P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1 - 25 October 2010
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
2N7002BKT NEXPERIA-2N7002BKT Datasheet
460Kb / 17P
60 V, 290 mA N-channel Trench MOSFET
Rev. 1 - 15 June 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com