Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BK Datasheet (PDF) - NXP Semiconductors

2N7002BK Datasheet PDF - NXP Semiconductors
Part # 2N7002BK
Download  2N7002BK Download
File Size   176.53 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 350 mA N-channel Trench MOSFET

2N7002BK Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BK Datasheet PDF - NXP Semiconductors

Part # 2N7002BK
Download  2N7002BK Click to download

File Size   176.53 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, 350 mA N-channel Trench MOSFET

2N7002BK Datasheet (HTML) - NXP Semiconductors


2N7002BK Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
■ Logic-level compatible
■ Very fast switching
■ Trench MOSFET technology
■ ESD protection up to 2 kV
■ AEC-Q101 qualified

Applications
■ Relay driver
■ High-speed line driver
■ Low-side loadswitch
■ Switching circuits




Similar Part No. - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2N7002BK VBSEMI-2N7002BK Datasheet
1Mb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
2N7002BK LEIDITECH-2N7002BK Datasheet
7Mb / 5P
60V N-Channel Enhancement Mode MOSFET
Rev : 01.08.2021
logo
Nexperia B.V. All right...
2N7002BK NEXPERIA-2N7002BK Datasheet
737Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 17 June 2010
logo
TECH PUBLIC Electronics...
2N7002BK TECHPUBLIC-2N7002BK Datasheet
1,019Kb / 3P
60V N-Channel Mosfet
logo
Nexperia B.V. All right...
2N7002BK NEXPERIA-2N7002BK Datasheet
286Kb / 15P
60 V, 350 mA N-channel Trench MOSFET
17 October 2024
More results


Similar Description - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
2N7002PV NXP-2N7002PV Datasheet
168Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-5 August 2010
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
2N7002BK PHILIPS-2N7002BK_15 Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
NX3008NBKS PHILIPS-NX3008NBKS_15 Datasheet
902Kb / 17P
30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
30 V, 350 mA N-channel Trench MOSFET
2N7002BK NEXPERIA-2N7002BK Datasheet
737Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 17 June 2010
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
2N7002PV NEXPERIA-2N7002PV Datasheet
272Kb / 14P
60 V, 350 mA dual N-channel Trench MOSFET
28 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com