Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BK Datasheet (PDF) - TECH PUBLIC Electronics co LTD

2N7002BK Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 2N7002BK
Download  2N7002BK Download
File Size   1019.58 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V N-Channel Mosfet

2N7002BK Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BK Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 2N7002BK
Download  2N7002BK Click to download

File Size   1019.58 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V N-Channel Mosfet

2N7002BK Datasheet (HTML) - TECH PUBLIC Electronics co LTD


2N7002BK Product details

Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers display,
memories, transistors, etc.
Battery operated systems
Solid-state relays




Similar Part No. - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
logo
VBsemi Electronics Co.,...
2N7002BK VBSEMI-2N7002BK Datasheet
1Mb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
2N7002BK LEIDITECH-2N7002BK Datasheet
7Mb / 5P
60V N-Channel Enhancement Mode MOSFET
Rev : 01.08.2021
logo
Nexperia B.V. All right...
2N7002BK NEXPERIA-2N7002BK Datasheet
737Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 17 June 2010
2N7002BK NEXPERIA-2N7002BK Datasheet
286Kb / 15P
60 V, 350 mA N-channel Trench MOSFET
17 October 2024
More results


Similar Description - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com