Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BK Datasheet (PDF) - Nexperia B.V. All rights reserved

2N7002BK Datasheet PDF - Nexperia B.V. All rights reserved
Part # 2N7002BK
Download  2N7002BK Download
File Size   737.7 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 350 mA N-channel Trench MOSFET

2N7002BK Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BK Datasheet PDF - Nexperia B.V. All rights reserved

Part # 2N7002BK
Download  2N7002BK Click to download

File Size   737.7 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 350 mA N-channel Trench MOSFET

2N7002BK Datasheet (HTML) - Nexperia B.V. All rights reserved


2N7002BK Product details

1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small
SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package using
Trench MOSFET technology.
1.2 Features and benefits
Logic-level compatible
Very fast switching
Trench MOSFET technology
ESD protection up to 2 kV
AEC-Q101 qualified

1.3 Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits




Similar Part No. - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
logo
VBsemi Electronics Co.,...
2N7002BK VBSEMI-2N7002BK Datasheet
1Mb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Shanghai Leiditech Elec...
2N7002BK LEIDITECH-2N7002BK Datasheet
7Mb / 5P
60V N-Channel Enhancement Mode MOSFET
Rev : 01.08.2021
logo
TECH PUBLIC Electronics...
2N7002BK TECHPUBLIC-2N7002BK Datasheet
1,019Kb / 3P
60V N-Channel Mosfet
logo
Nexperia B.V. All right...
2N7002BK NEXPERIA-2N7002BK Datasheet
286Kb / 15P
60 V, 350 mA N-channel Trench MOSFET
17 October 2024
More results


Similar Description - 2N7002BK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
NX3008NBKS NXP-NX3008NBKS Datasheet
902Kb / 17P
30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
2N7002PV NXP-2N7002PV Datasheet
168Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-5 August 2010
NX3008NBKT-115 NXP-NX3008NBKT-115 Datasheet
874Kb / 16P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1-1 August 2011
2N7002BK PHILIPS-2N7002BK_15 Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
NX3008NBKS PHILIPS-NX3008NBKS_15 Datasheet
902Kb / 17P
30 V, 350 mA dual N-channel Trench MOSFET
Rev. 1-1 August 2011
NX3008NBKW PHILIPS-NX3008NBKW_15 Datasheet
879Kb / 16P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1-2 August 2011
logo
Nexperia B.V. All right...
NX3008NBKW NEXPERIA-NX3008NBKW Datasheet
1Mb / 16P
30 V, 350 mA N-channel Trench MOSFET
NX3008NBKT NEXPERIA-NX3008NBKT Datasheet
1Mb / 17P
30 V, 350 mA N-channel Trench MOSFET
Rev. 1 - 1 August 2011
2N7002PV NEXPERIA-2N7002PV Datasheet
272Kb / 14P
60 V, 350 mA dual N-channel Trench MOSFET
28 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com