Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BKM Datasheet (PDF) - Nexperia B.V. All rights reserved

2N7002BKM Datasheet PDF - Nexperia B.V. All rights reserved
Part # 2N7002BKM
Download  2N7002BKM Download
File Size   906.0 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 450 mA N-channel Trench MOSFET

2N7002BKM Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BKM Datasheet PDF - Nexperia B.V. All rights reserved

Part # 2N7002BKM
Download  2N7002BKM Click to download

File Size   906.0 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 450 mA N-channel Trench MOSFET

2N7002BKM Datasheet (HTML) - Nexperia B.V. All rights reserved


2N7002BKM Product details

1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small
SOT883 (SC-101) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.

1.2 Features and benefits
Logic-level compatible
Very fast switching
Trench MOSFET technology
ESD protection up to 2 kV
AEC-Q101 qualified

1.3 Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits




Similar Part No. - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKM PHILIPS-2N7002BKM Datasheet
151Kb / 17P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
2N7002BKM NXP-2N7002BKM Datasheet
667Kb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKMB NXP-2N7002BKMB Datasheet
667Kb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
logo
Nexperia B.V. All right...
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
More results


Similar Description - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BK NXP-2N7002BK Datasheet
176Kb / 16P
60 V, 350 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
2N7002BKT NXP-2N7002BKT Datasheet
361Kb / 16P
60 V, 290 mA N-channel Trench MOSFET
Rev. 1-15 June 2010
BSS138P NXP-BSS138P Datasheet
181Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
2N7002 NXP-2N7002 Datasheet
159Kb / 13P
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011
2N7002BKM PHILIPS-2N7002BKM Datasheet
151Kb / 17P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
2N7002BKW PHILIPS-2N7002BKW_15 Datasheet
164Kb / 16P
60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010
2N7002BKM PHILIPS-2N7002BKM_15 Datasheet
356Kb / 16P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
BSS138BK PHILIPS-BSS138BK_15 Datasheet
865Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011
logo
Nexperia B.V. All right...
BSS138P NEXPERIA-BSS138P Datasheet
742Kb / 16P
60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com