Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002BKM Datasheet (PDF) - NXP Semiconductors

2N7002BKM Datasheet PDF - NXP Semiconductors
Part # 2N7002BKM
Download  2N7002BKM Download
File Size   667.35 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, single N-channel Trench MOSFET

2N7002BKM Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002BKM Datasheet PDF - NXP Semiconductors

Part # 2N7002BKM
Download  2N7002BKM Click to download

File Size   667.35 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 60 V, single N-channel Trench MOSFET

2N7002BKM Datasheet (HTML) - NXP Semiconductors


2N7002BKM Product details

General description

N-channel enhancement mode Field-Effect Transistor (FET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.



Features and benefits

Very fast switching

Trench MOSFETtechnology

ESD protection up to 2 kV

Logic-level compatible

Ultra thin package profile with 0.37 mm height



Applications

Relay driver

High-speed line driver

Low-side loadswitch

Switching circuits




Similar Part No. - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002BKM PHILIPS-2N7002BKM Datasheet
151Kb / 17P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
logo
Nexperia B.V. All right...
2N7002BKM NEXPERIA-2N7002BKM Datasheet
906Kb / 16P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1 - 25 October 2010
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
logo
NXP Semiconductors
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
2N7002BKM PHILIPS-2N7002BKM_15 Datasheet
356Kb / 16P
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010
More results


Similar Description - 2N7002BKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX7002AK NXP-NX7002AK Datasheet
210Kb / 15P
60 V, single N-channel Trench MOSFET
10 July 2012
2N7002BKMB PHILIPS-2N7002BKMB_15 Datasheet
667Kb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2-13 June 2012
BSS138AKA PHILIPS-BSS138AKA_15 Datasheet
255Kb / 16P
60 V, single N-channel Trench MOSFET
29 April 2015
NX7002BKW PHILIPS-NX7002BKW_15 Datasheet
271Kb / 15P
60 V, single N-channel Trench MOSFET
20 March 2015
PMPB85ENEA PHILIPS-PMPB85ENEA_15 Datasheet
259Kb / 15P
60 V, single N-channel Trench MOSFET
19 December 2013
NX7002AKW PHILIPS-NX7002AKW_15 Datasheet
207Kb / 14P
60 V, single N-channel Trench MOSFET
11 July 2012
logo
Nexperia B.V. All right...
NX7002AKW NEXPERIA-NX7002AKW Datasheet
709Kb / 14P
60 V, single N-channel Trench MOSFET
PMPB85ENEA NEXPERIA-PMPB85ENEA Datasheet
728Kb / 15P
60 V, single N-channel Trench MOSFET
2N7002BKMB NEXPERIA-2N7002BKMB Datasheet
1Mb / 15P
60 V, single N-channel Trench MOSFET
Rev. 2 - 13 June 2012
NX7002AK NEXPERIA-NX7002AK Datasheet
724Kb / 16P
60 V, single N-channel Trench MOSFET
6 August 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com