Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB3H-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMB3H-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMB3H-Q
Download  PUMB3H-Q Download
File Size   240.91 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open

PUMB3H-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMB3H-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMB3H-Q
Download  PUMB3H-Q Click to download

File Size   240.91 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open

PUMB3H-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMB3H-Q Product details

1. General description
PNP/PNP Resistor-Equipped double Transistor (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.
NPN/NPN complement: PUMH7H-Q
NPN/PNP complement: PUMD6H-Q

2. Features and benefits
• 100 mA output current capability
• Built-in resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• High-temperature applications up to 175 °C
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Digital applications
• Cost saving alternative for BC857 series in digital applications
• Controlling IC inputs
• Switching loads




Similar Part No. - PUMB3H-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMB3H NEXPERIA-PUMB3H Datasheet
240Kb / 12P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
More results


Similar Description - PUMB3H-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMB10 NEXPERIA-PUMB10 Datasheet
236Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
30 March 2023
PUMB2-Q NEXPERIA-PUMB2-Q Datasheet
236Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
4 January 2023
PUMD15-Q NEXPERIA-PUMD15-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
8 March 2023
PEMB3 NEXPERIA-PEMB3 Datasheet
202Kb / 10P
50 V, 100 mA PNP/PNP Resistor-Equipped Transistor; R1 = 4.7 kΩ, R2 = open
28 December 2022
PUMD4-Q NEXPERIA-PUMD4-Q Datasheet
217Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = open
28 September 2022
PUMD6H-Q NEXPERIA-PUMD6H-Q Datasheet
264Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
6 May 2021
PEMD13 NEXPERIA-PEMD13 Datasheet
238Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
28 December 2022
PEMD6 NEXPERIA-PEMD6 Datasheet
190Kb / 8P
50 V, 100 mA NPN/PNP Resistor-Equipped Transistor; R1 = 4.7 kΩ, R2 = open
5 January 2023
PUMB3H NEXPERIA-PUMB3H Datasheet
240Kb / 12P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
PUMD6H NEXPERIA-PUMD6H Datasheet
264Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com