Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMD4-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMD4-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMD4-Q
Download  PUMD4-Q Download
File Size   217.38 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = open

PUMD4-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD4-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMD4-Q
Download  PUMD4-Q Click to download

File Size   217.38 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = open

PUMD4-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMD4-Q Product details

1. General description
NPN/PNP double Resistor-Equipped Transistor (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.
NPN/NPN complement: PUMH4
PNP/PNP complement: PUMB4

2. Features and benefits
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low current peripheral driver
• Replacement for general purpose transistors in digital applications
• Controlling IC inputs




Similar Part No. - PUMD4-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD4 PHILIPS-PUMD4 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMD4 NXP-PUMD4 Datasheet
138Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
logo
Nexperia B.V. All right...
PUMD4 NEXPERIA-PUMD4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
NPN/PNP resistor-equipped transistors
1999 Apr 22
PUMD48 NXP-PUMD48 Datasheet
126Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
More results


Similar Description - PUMD4-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMD30 NEXPERIA-PUMD30 Datasheet
239Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
31 March 2023
PUMB3H-Q NEXPERIA-PUMB3H-Q Datasheet
240Kb / 12P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
6 May 2021
PUMD3-Q NEXPERIA-PUMD3-Q Datasheet
279Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PUMD6H-Q NEXPERIA-PUMD6H-Q Datasheet
264Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
6 May 2021
PUMD9-Q NEXPERIA-PUMD9-Q Datasheet
281Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PEMD30 NEXPERIA-PEMD30 Datasheet
223Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = open
18 January 2023
PEMH11 NEXPERIA-PEMH11 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PUMB3H NEXPERIA-PUMB3H Datasheet
240Kb / 12P
50 V, 100 mA PNP/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
PUMD6H NEXPERIA-PUMD6H Datasheet
264Kb / 14P
50 V, 100 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
PUMH11 NEXPERIA-PUMH11 Datasheet
796Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com