Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM7808 Datasheet (PDF) - CET-MOS Technology Corp.

CEM7808 Datasheet PDF - CET-MOS Technology Corp.
Part # CEM7808
Download  CEM7808 Download
File Size   1075.77 Kbytes
Page   7 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Enhancement Mode Field Effect Transistor (2 X N and 2 X P Channel)

CEM7808 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM7808 Datasheet PDF - CET-MOS Technology Corp.

Part # CEM7808
Download  CEM7808 Click to download

File Size   1075.77 Kbytes
Page   7 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Enhancement Mode Field Effect Transistor (2 X N and 2 X P Channel)

CEM7808 Datasheet (HTML) - CET-MOS Technology Corp.


CEM7808 Product details

30V, 6.2A, RDS(ON) = 33mW @VGS = 10V.
FEATURES
RDS(ON) = 60mW @VGS = 4.5V.
-30V, -4.8A, RDS(ON) = 55mW @VGS = -10V.
RDS(ON) = 80mW @VGS = -4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
RoHS compliant.




Similar Part No. - CEM7808

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7808 CET-CEM7808 Datasheet
587Kb / 7P
Enhancement Mode Field Effect Transistor
More results


Similar Description - CEM7808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
N- & P-Channel Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
logo
Micro Commercial Compon...
MCMNP517 MCC-MCMNP517 Datasheet
650Kb / 6P
N and P-Channel Enhancement Mode Field Effect Transistor
MCQ4503 MCC-MCQ4503 Datasheet
554Kb / 5P
N and P-Channel Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
P5506NV NIKOSEM-P5506NV Datasheet
340Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA110NV NIKOSEM-PA110NV Datasheet
345Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PA500CA NIKOSEM-PA500CA Datasheet
319Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PD601CX NIKOSEM-PD601CX Datasheet
456Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PZ607UZ NIKOSEM-PZ607UZ Datasheet
488Kb / 7P
N- & P-Channel Enhancement Mode Field Effect Transistor
PK615CA NIKOSEM-PK615CA Datasheet
557Kb / 9P
N- & P-Channel Enhancement Mode Field Effect Transistor
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com