Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM7808 Datasheet (PDF) - Chino-Excel Technology

CEM7808 Datasheet PDF - Chino-Excel Technology
Part # CEM7808
Download  CEM7808 Download
File Size   587.21 Kbytes
Page   7 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Enhancement Mode Field Effect Transistor

CEM7808 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEM7808 Datasheet PDF - Chino-Excel Technology

Part # CEM7808
Download  CEM7808 Click to download

File Size   587.21 Kbytes
Page   7 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Enhancement Mode Field Effect Transistor

CEM7808 Datasheet (HTML) - Chino-Excel Technology


CEM7808 Product details

FEATURES
■ 30V, 6.2A, RDS(ON) = 33mΩ @VGS = 10V.
                     RDS(ON) = 60mΩ @VGS = 4.5V.
■ -30V, -4.8A, RDS(ON) = 55mΩ @VGS = -10V.
                       RDS(ON) = 80mΩ @VGS = -4.5V.
■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ Surface mount Package.
■ Lead-free plating ; RoHS compliant.




Similar Part No. - CEM7808

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEM7808 CET-MOS-CEM7808 Datasheet
1Mb / 7P
Enhancement Mode Field Effect Transistor (2 X N and 2 X P Channel)
Rev 2. 2012.Sep
More results


Similar Description - CEM7808

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4601 AOSMD-AO4601 Datasheet
306Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
ATMEL Corporation
AO4603 ATMEL-AO4603 Datasheet
144Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO5600E AOSMD-AO5600E Datasheet
948Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
logo
Chenmko Enterprise Co. ...
CHM4600JPT CHENMKO-CHM4600JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
CHM8938JPT CHENMKO-CHM8938JPT Datasheet
320Kb / 3P
Dual Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
UT3419 UTC-UT3419_15 Datasheet
204Kb / 4P
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com